Electronic Components Datasheet Search
  English  ▼

X  

LT3048 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3048
Description  Low Noise Bias Generator in 2mm 2mm DFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3048 Datasheet(HTML) 1 Page - Linear Technology

  LT3048 Datasheet HTML 1Page - Linear Technology LT3048 Datasheet HTML 2Page - Linear Technology LT3048 Datasheet HTML 3Page - Linear Technology LT3048 Datasheet HTML 4Page - Linear Technology LT3048 Datasheet HTML 5Page - Linear Technology LT3048 Datasheet HTML 6Page - Linear Technology LT3048 Datasheet HTML 7Page - Linear Technology LT3048 Datasheet HTML 8Page - Linear Technology LT3048 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LT3048 Series
1
3048fa
For more information www.linear.com/LT3048
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Low Noise Bias Generator
in 2mm × 2mm DFN
The LT®3048 series generate low noise, low ripple bias
supplies from input voltages of 2.7V to 4.8V.
The LT3048 includes a boost regulator and a LDO linear
regulator. The boost regulator provides power to the
linear regulator.
The boost regulator output voltage is regulated to 1.1V
above the LDO output, optimizing LDO ripple rejection and
transient response. Fixed frequency operation and current
mode control allow the use of very small inductors and
results in low, predictable output ripple.
The linear regulator in the LT3048 generates a program-
mable output and the LT3048-XX generate fixed output
voltages. High power supply ripple rejection combined
with a low noise internal reference results in less than
500µVP-P output ripple and noise.
The LT3048 is available in a 8-lead 2mm × 2mm DFN
package.
APPLICATIONS
n
Generates Low Noise Bias Voltage from Single
Cell Li-Ion Battery
n
Output Current: Up to 40mA
n
Low Output Ripple and Noise: <500µVP-P
n
Boost Regulator
n
1MHz Operation (LT3048)
n
2.2MHz Operation (LT3048-XX)
n
Integrated Schottky Diode
n
Low Dropout Linear Regulator
n
1.235V Feedback Voltage (LT3048)
n
Low Noise: <120µVRMS (10Hz to 100kHz)
n
0.1% Load Regulation
n
Fixed 3.3V, 5V, 12V, 15V and Adjustable Output Options
n
Short-Circuit and Thermal Protection
n
Load Disconnect in Shutdown
n
Available in 2mm × 2mm DFN Package
n
Sensor Bias
n
Op Amp Supply
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
BSTOUT
SW
LDOIN
LT3048-15
10µH
LDOOUT
VIN
EN
1nF
1µF
1µF
3048 TA01a
4.7µF
IN
2.7V TO 4.8V
OUT
15V
BYP
OFF ON
GND
VIN (V)
2.7
3.3
3.6
IOUT (mA)
19
22
24
LOAD CURRENT (mA)
0
30
40
50
15
25
3048 TA01b
20
10
0
5
10
20
60
70
80
VIN = 2.7V
VIN = 3.3V
VIN = 3.6V
LDOOUT = 15V
L = 10µH
DCR = 650m
Efficiency


Similar Part No. - LT3048

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3048 LINER-LT3048 Datasheet
1Mb / 22P
Dual-Channel Low Noise Bias Generators
More results

Similar Description - LT3048

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5128 MAXIM-MAX5128_07 Datasheet
308Kb / 14P
128-Tap, Nonvolatile, Linear-Taper Digital Potentiometer in 2mm x 2mm 關DFN Package
Rev 2; 6/07
logo
Linear Technology
LT3590 LINER-LT3590 Datasheet
216Kb / 16P
48V Buck Mode LED Driver in SC70 and 2mm x 2mm DFN
LT6660 LINER-LT6660 Datasheet
404Kb / 12P
Tiny Micropower Precision Series References in 2mm 횞 2mm DFN
LTC4095 LINER-LTC4095 Datasheet
230Kb / 16P
Standalone USB Li-Ion/Polymer Battery Charger in 2mm 횞 2mm DFN
logo
Maxim Integrated Produc...
MAX8902A MAXIM-MAX8902A_12 Datasheet
378Kb / 9P
Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
Rev 5; 10/12
MAX8902AATA-T MAXIM-MAX8902AATA-T Datasheet
378Kb / 9P
Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
Rev 5; 10/12
logo
Linear Integrated Syste...
LTC3526EDC-2 LINEAR-LTC3526EDC-2 Datasheet
286Kb / 16P
500mA 1MHz SynchronousStep-Up DC/DC Converters in 2mm 2mm DFN
logo
Linear Technology
LT6660 LINER-LT6660_15 Datasheet
410Kb / 12P
Tiny Micropower Precision Series References in 2mm 2mm DFN
logo
Maxim Integrated Produc...
MAX8902A MAXIM-MAX8902A_15 Datasheet
355Kb / 9P
Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
Rev 6; 1/15
MAX8902 MAXIM-MAX8902 Datasheet
355Kb / 9P
Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
19-0990; Rev 6; 1/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com