Electronic Components Datasheet Search
  English  ▼

X  

LT3048 Datasheet(PDF) 4 Page - Linear Technology

Part # LT3048
Description  Low Noise Bias Generator in 2mm 2mm DFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3048 Datasheet(HTML) 4 Page - Linear Technology

  LT3048 Datasheet HTML 1Page - Linear Technology LT3048 Datasheet HTML 2Page - Linear Technology LT3048 Datasheet HTML 3Page - Linear Technology LT3048 Datasheet HTML 4Page - Linear Technology LT3048 Datasheet HTML 5Page - Linear Technology LT3048 Datasheet HTML 6Page - Linear Technology LT3048 Datasheet HTML 7Page - Linear Technology LT3048 Datasheet HTML 8Page - Linear Technology LT3048 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LT3048 Series
4
3048fa
For more information www.linear.com/LT3048
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
LDOOUT Voltage Noise
BW = 10Hz to 100kHz
COUT = 1µF
LT3048: CBYP = 0nF, ILOAD = 40mA, LDOOUT = 1.235V
LT3048: CBYP = 1nF, ILOAD = 40mA, LDOOUT = 1.235V
38
25
µVRMS
µVRMS
LT3048-15: CBYP = 0nF, ILOAD = 24mA
LT3048-15: CBYP = 1nF, ILOAD = 24mA
250
60
µVRMS
µVRMS
LT3048-12: CBYP = 0nF, ILOAD = 31mA
LT3048-12: CBYP = 1nF, ILOAD = 31mA
225
60
µVRMS
µVRMS
LT3048-5: CBYP = 0nF, ILOAD = 40mA
LT3048:-5: CBYP = 1nF, ILOAD = 40mA
145
50
µVRMS
µVRMS
LT3048-3.3: CBYP = 0nF, ILOAD = 40mA
LT3048-3.3: CBYP = 1nF, ILOAD = 40mA
120
42
µVRMS
µVRMS
Ripple Rejection
LT3048: fRIPPLE = 1.0MHz, ILOAD = 40mA
LT3048: fRIPPLE = 2.2MHz, ILOAD = 40mA
60
53
dB
dB
Current Limit
l
45
80
mA
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V, EN/UVLO = 3V, unless otherwise noted. Parameter applies
to all options unless specified.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT3048E is guaranteed to meet performance specifications
from 0°C to 125°C junction temperature. Specifications over the –40°C
to 125°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls. The
LT3048I is guaranteed over the full –40°C to 125°C operating junction
temperature range. High junction temperatures degrade operating
lifetimes. Operating lifetime is derated at junction temperatures greater
than 125°C.
Note 3: Current limit guaranteed by design and/or correlation to static test.
Slope compensation reduces current limit at higher duty cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com