Electronic Components Datasheet Search
  English  ▼

X  

LT3473A Datasheet(PDF) 2 Page - Linear Technology

Part # LT3473A
Description  Micropower 1A Boost Converter with Schottky and Output Disconnect
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3473A Datasheet(HTML) 2 Page - Linear Technology

  LT3473A Datasheet HTML 1Page - Linear Technology LT3473A Datasheet HTML 2Page - Linear Technology LT3473A Datasheet HTML 3Page - Linear Technology LT3473A Datasheet HTML 4Page - Linear Technology LT3473A Datasheet HTML 5Page - Linear Technology LT3473A Datasheet HTML 6Page - Linear Technology LT3473A Datasheet HTML 7Page - Linear Technology LT3473A Datasheet HTML 8Page - Linear Technology LT3473A Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LT3473/LT3473A
3473f
VIN Voltage ............................................................. 16V
SHDN Voltage .......................................................... 16V
SW Voltage ............................................................. 36V
PGOOD Voltage ...................................................... 36V
CAP Voltage ............................................................ 36V
OUT Voltage ........................................................... 36V
FB Voltage .............................................................. 10V
Consult LTC Marketing for parts specified with wider operating temperature ranges.
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
LT3473AEDE
ORDER PART
NUMBER
DE PART MARKING
3473A
TJMAX = 125°C, θJA = 43°C/ W
EXPOSED PAD (PIN 13) IS GND
MUST BE SOLDERED TO PCB (NOTE 3)
12
11
10
9
8
7
1
2
3
4
5
6
SW
VIN
SHDN
PGOOD
CTRL
FB
CAP
OUT
NB1
NE1
NB2
NE2
TOP VIEW
13
DE PACKAGE
12-LEAD (4mm × 3mm) PLASTIC DFN
CTRL Voltage .......................................................... 10V
NB1, NB2 Voltage ................................................... 36V
NE1, NE2 Voltage ................................................... 36V
Maximum Junction Temperature ......................... 125°C
Operating Temperature Range (Note 2) .. – 40°C to 85°C
Storage Temperature Range ................ – 65°C to 125°C
LT3473EDD
ORDER PART
NUMBER
DD PART MARKING
LBJJ
TOP VIEW
9
DD PACKAGE
8-LEAD (3mm × 3mm) PLASTIC DFN
5
6
7
8
4
3
2
1
CAP
OUT
CTRL
FB
SW
VIN
SHDN
PGOOD
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Operation Voltage
2.2
V
Maximum Operation Voltage
16
V
Supply Current
SHDN = 3V, Not Switching
100
µA
SHDN = 0V
0.1
1
µA
SHDN Voltage to Enable Chip
●
1.4
V
SHDN Voltage to Disable Chip
●
0.2
V
SHDN Pin Bias Current
2
µA
FB Voltage
●
1.235
1.25
1.26
V
FB Voltage Line Regulation
3V < VIN < 16V
0.01
%/V
FB Pin Bias Current
FB = 1.27V
20
nA
CTRL to FB Offset
CTRL = 0.5V
5
20
mV
CTRL Pin Bias Current
CTRL = 1V
50
nA
FB Threshold for PGOOD
CTRL = 2V
1.15
V
CTRL = 0.5V
0.40
V
PGOOD Current Capacity
●
100
µA
The
● denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C.
VIN = 3V, SHDN = 3V, CTRL = 2V, unless otherwise specified.
ELECTRICAL CHARACTERISTICS
TJMAX = 125°C, θJA = 43°C/ W
EXPOSED PAD (PIN 9) IS GND
MUST BE SOLDERED TO PCB (NOTE 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com