Electronic Components Datasheet Search
  English  ▼

X  

LT3473A Datasheet(PDF) 4 Page - Linear Technology

Part # LT3473A
Description  Micropower 1A Boost Converter with Schottky and Output Disconnect
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3473A Datasheet(HTML) 4 Page - Linear Technology

  LT3473A Datasheet HTML 1Page - Linear Technology LT3473A Datasheet HTML 2Page - Linear Technology LT3473A Datasheet HTML 3Page - Linear Technology LT3473A Datasheet HTML 4Page - Linear Technology LT3473A Datasheet HTML 5Page - Linear Technology LT3473A Datasheet HTML 6Page - Linear Technology LT3473A Datasheet HTML 7Page - Linear Technology LT3473A Datasheet HTML 8Page - Linear Technology LT3473A Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LT3473/LT3473A
3473f
Sleep Mode Quiescent Current
Sleep Mode Quiescent Current
(Not Switching)
SHDN Pin Current
TEMPERATURE (°C)
–50
90
95
100
105
050
3473 G04
100
SHDN = 3V
VIN = 3V
INPUT VOLTAGE, VIN (V)
0
96
98
100
12
3473 G5
94
92
48
214
610
16
90
88
102
SHDN = 3V
SHDN = 1.5V
TEMPERATURE (°C)
–50
1.0
1.5
3473 G06
0.5
0
0
50
100
2.5
2.0
SHDN = 3V
VIN = 3V
Switch VCE(SAT)
Switch Saturation Voltage
Schottky I-V Characteristic
SWITCH CURRENT (mA)
0
0
50
150
200
250
800
450
3473 G07
100
400
200
1000
600
1200
300
350
400
TEMPERATURE (°C)
–50
45
46
47
3473 G08
44
43
42
050
48
49
50
ISW = 100mA
100
SCHOTTKY FORWARD DROP (mV)
0
600
800
1000
800
3473 G09
400
200
500
700
900
300
100
0
200
400
600
1000
Schottky Forward Voltage
Output Disconnect Voltage Drop
Switching Frequency
TEMPERATURE (°C)
–50
400
450
3473 G10
350
300
0
50
100
550
500
ID = 100mA
COLLECTOR CURRENT (mA)
0
250
300
400
350
90°C
25°C
–45°C
80
3473 G11
200
150
20
40
60
100
100
50
0
INPUT VOLTAGE, VIN (V)
0
0.4
0.6
0.8
3473 G12
0.2
0
510
1.0
1.2
1.4
15
TYPICAL PERFOR A CE CHARACTERISTICS T
A = 25°C unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com