Electronic Components Datasheet Search
  English  ▼

X  

LT3653 Datasheet(PDF) 4 Page - Linear Technology

Part # LT3653
Description  1.2A, HV Input Regulator with Output Current Limit for Battery Charger Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3653 Datasheet(HTML) 4 Page - Linear Technology

  LT3653 Datasheet HTML 1Page - Linear Technology LT3653 Datasheet HTML 2Page - Linear Technology LT3653 Datasheet HTML 3Page - Linear Technology LT3653 Datasheet HTML 4Page - Linear Technology LT3653 Datasheet HTML 5Page - Linear Technology LT3653 Datasheet HTML 6Page - Linear Technology LT3653 Datasheet HTML 7Page - Linear Technology LT3653 Datasheet HTML 8Page - Linear Technology LT3653 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LT3653
4
3653f
TYPICAL PERFORMANCE CHARACTERISTICS
Switch Voltage Drop
Switching Frequency
Undervoltage Lockout
Output Current Limit
Output Current Limit
VIN Overvoltage Lockout
BOOST Pin Current
Boost Diode VF
TA = 25°C unless otherwise noted
SWITCH CURRENT (A)
400
350
3653 G01
0
50
100
150
200
250
300
0
0.2
0.4
0.6
0.8
1
1.2
125ºC
–45ºC
25ºC
TEMPERATURE (ºC)
1.7
1.6
3653 G02
1.0
1.1
1.2
1.3
1.4
1.5
–50
-25
0
25
50
75
100
125
TEMPERATURE (ºC)
8.0
7.5
7.0
3653 G03
4.0
4.5
5.0
5.5
6.0
6.5
–50 -25
0
25
50
75
100 125 150
RISING
FALLING
TEMPERATURE (ºC)
1.2
1.15
1.1
3653 G04
0.8
0.85
0.9
0.95
1
1.05
–50 –25
0
25
50
75
100
125
RILIM = 33.2k
OUTPUT CURRENT (A)
6
5
4
3653 G05
0
1
2
3
0
0.2
0.4
0.6
0.8
1
1.2
1.4
RILIM = 27.4k
TEMPERATURE (ºC)
35
33
31
3653 G06
25
27
29
–50
–25
0
25
50
75
100
125
RISING
FALLING
SWITCH CURRENT (A)
35
30
25
20
3653 G07
0
5
15
10
0
0.2
0.4
0.5
0.8
1
1.2
DIODE CURRENT (mA)
1.4
1.2
1
0.8
3653 G08
0
0.2
0.6
0.4
0
50
100
150
200
250
300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com