Electronic Components Datasheet Search
  English  ▼

X  

LT3653 Datasheet(PDF) 5 Page - Linear Technology

Part # LT3653
Description  1.2A, HV Input Regulator with Output Current Limit for Battery Charger Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3653 Datasheet(HTML) 5 Page - Linear Technology

  LT3653 Datasheet HTML 1Page - Linear Technology LT3653 Datasheet HTML 2Page - Linear Technology LT3653 Datasheet HTML 3Page - Linear Technology LT3653 Datasheet HTML 4Page - Linear Technology LT3653 Datasheet HTML 5Page - Linear Technology LT3653 Datasheet HTML 6Page - Linear Technology LT3653 Datasheet HTML 7Page - Linear Technology LT3653 Datasheet HTML 8Page - Linear Technology LT3653 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LT3653
5
3653f
TYPICAL PERFORMANCE CHARACTERISTICS
VC Current
VC Operating Range
PIN FUNCTIONS
VIN (Pin 1): The VIN pin supplies current to the LT3653’s
internal regulator and the internal power switch. Locally
bypass this pin with a capacitor.
HVOK (Pin 2): The HVOK pin is a status pin which indi-
cates that the internal bias rail is present and that an input
undervoltage lockout fault, an overvoltage lockout fault or
an over temperature fault are not present.
VC (Pin 3): The VC pin is the output of the internal error
amplifier and is internally compensated. The voltage on this
pin controls the peak switch current. Connect this pin to
the battery charger VC pin for battery tracking function.
ILIM (Pin 4): Connect a resistor to GND to program the
output current limit of the regulator. See the ILIM Resistor
section in Application Information.
VOUT (Pin 5): The VOUT pin is connected to the negative
terminal of the internal current sense resistor of the output
current limit circuit. Maximum VOUT voltage is regulated
to 4.8V.
ISENSE (Pin 6): The ISENSE pin is the positive input to the
internal current sense resistor of the output current limit
circuit. The ISENSE pin is also the anode of the internal
BOOST diode.
BOOST (Pin 7): The BOOST pin provides a drive voltage,
higher than the input voltage, to the internal power switch.
The BOOST pin is internally connected to the cathode of
the BOOST diode.
SW (Pin 8): The SW pin is the output of the internal power
switch. Connect this pin to the inductor, catch diode and
boost capacitor.
Exposed Pad (Pin 9): Ground. The Exposed Pad must be
soldered to the PCB and electrically connected to ground.
Use a large ground plane and vias to optimize thermal
performance.
VOUT (V)
15
10
3653 G09
–25
–20
–15
–10
–5
0
5
4
4.4
4.8
5.2
5.6
6
TEMPERATURE (ºC)
2.0
1.8
0.0
3653 G10
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
CURRENT LIMIT CLAMP
SWITCHING THRESHOLD
TA = 25°C unless otherwise noted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com