Electronic Components Datasheet Search
  English  ▼

X  

LT3710 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3710
Description  Secondary Side Synchronous Post Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3710 Datasheet(HTML) 3 Page - Linear Technology

  LT3710 Datasheet HTML 1Page - Linear Technology LT3710 Datasheet HTML 2Page - Linear Technology LT3710 Datasheet HTML 3Page - Linear Technology LT3710 Datasheet HTML 4Page - Linear Technology LT3710 Datasheet HTML 5Page - Linear Technology LT3710 Datasheet HTML 6Page - Linear Technology LT3710 Datasheet HTML 7Page - Linear Technology LT3710 Datasheet HTML 8Page - Linear Technology LT3710 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LT3710
3
3710f
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LT3710E is guaranteed to meet performance specifications
from 0
°C to 125°C. Specifications over the –40°C to 125°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 11V, operating maximum VCC = 24V, no load on any outputs
unless otherwise noted.
Oscillator
Switching Frequency
CS = 500pF (No SYNC)
q
170
200
240
kHz
CS = 333pF (No SYNC)
q
240
280
340
kHz
Synchronization Frequency Range
CS = 500pF
q
245
400
kHz
CS = 333pF
q
345
500
kHz
CSET Ramp Valley Voltage
CS = 1000pF (No SYNC)
0.90
1.15
1.4
V
CSET Peak-to-Peak Voltage
CS = 1000pF (No SYNC)
2.4
V
Synchronization Pulse Threshold on SYNC Pin
Falling Edge VSYNC
2.5
V
Maximum Duty Cycle
VFB = VREF – 5mV, CS > 500pF
q
85
90
%
Gate Drivers (TGATE, BGATE)
VGBIAS
IGBIAS < 25mA
q
7.5
8.0
8.5
V
VTGATE High (VTGATE – VSW)ITGATE < 50mA, VBOOST = VGBIAS – 0.5V
q
567
V
VBGATE High
IBGATE < 50mA
q
5
6
7.5
V
VTGATE Low (VTGATE – VSW)ITGATE < – 50mA
q
0.5
V
VBGATE Low
IBGATE < – 50mA
q
0.5
V
Peak Gate Drive Current
10nF Load
1
A
Gate Drive Rise and Fall Time
1nF Load
25
ns
TYPICAL PERFOR A CE CHARACTERISTICS
IGBIAS (mA)
0
8.1
8.0
7.9
7.8
7.7
3710 G01
10
20
26
–40
°C
25
°C
125
°C
VCC (V)
8
1012141618202224
13
12
11
10
9
8
7
6
5
3710 G02
TA = 25°C
FREQUENCY (Hz)
10
120
80
40
0
–20
–0
–50
–100
–150
–180
3710 G03
PHASE
0dB, 10MHz
(–111
°)
GAIN
100
1k
10k
100k
1M
10M 100M
TA = 25°C
VGBIAS vs IGBIAS over Junction
Temperature
ICC vs VCC (Switching Off)
Voltage Amplifier VA Gain and
Phase
Note 3: This IC includes overtemperature protection that is intended to
protect the device during momentary overload conditions. Junction
temperature will exceed 125
°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com