Electronic Components Datasheet Search
  English  ▼

X  

LT3710 Datasheet(PDF) 4 Page - Linear Technology

Part # LT3710
Description  Secondary Side Synchronous Post Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3710 Datasheet(HTML) 4 Page - Linear Technology

  LT3710 Datasheet HTML 1Page - Linear Technology LT3710 Datasheet HTML 2Page - Linear Technology LT3710 Datasheet HTML 3Page - Linear Technology LT3710 Datasheet HTML 4Page - Linear Technology LT3710 Datasheet HTML 5Page - Linear Technology LT3710 Datasheet HTML 6Page - Linear Technology LT3710 Datasheet HTML 7Page - Linear Technology LT3710 Datasheet HTML 8Page - Linear Technology LT3710 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LT3710
4
3710f
TYPICAL PERFOR A CE CHARACTERISTICS
VCC (V)
10
15
20
25
3
2
1
0
–1
1
0
–1
3710 G04
∆VREF
CSET = 500pF
TA = 25°C
∆FREQ
JUNCTION TEMPERATURE (
°C)
–20
–40
25
075
50
125
0.801
0.800
0.799
0.798
3710 G05
CSET = 500pF
CSET (pF)
400
200
600
800
1000
500
400
300
200
100
1.00
0.95
0.90
0.85
0.80
0.75
0.70
3710 G07
MAXIMUM DUTY CYCLE
CSET
TA = 25°C
TIME
0
300
250
200
150
100
50
0
12
10
8
6
4
2
0
500
µs
3710 G08
1ms
VGBIAS
CGBIAS = 2.2µF
IGBIAS
VCL
+ – V
CL
– (mV)
60
50
70
80
90
8
7
6
5
4
3
2
1
0
3710 G09
CSET PEAK
VCC = 11V
VCLN = 5V
TA = 25°C
CSET VALLEY
∆VREF vs VCC, ∆FREQ vs VCC
VREF vs Temperature
CSET vs Switching Frequency
GBIAS vs IGBIAS (Charging 2.2µF)
Current Limit Amplifier CA1 Gain
at VCC = 11V, VCL– = 5V
JUNCTION TEMPERATURE (
°C)
–20
–40
25
075
50
125
195
200
205
210
215
3710 G06
CSET = 500pF
Frequency vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com