Electronic Components Datasheet Search
  English  ▼

X  

LTC2997 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2997
Description  Remote/Internal Temperature Sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2997 Datasheet(HTML) 1 Page - Linear Technology

  LTC2997 Datasheet HTML 1Page - Linear Technology LTC2997 Datasheet HTML 2Page - Linear Technology LTC2997 Datasheet HTML 3Page - Linear Technology LTC2997 Datasheet HTML 4Page - Linear Technology LTC2997 Datasheet HTML 5Page - Linear Technology LTC2997 Datasheet HTML 6Page - Linear Technology LTC2997 Datasheet HTML 7Page - Linear Technology LTC2997 Datasheet HTML 8Page - Linear Technology LTC2997 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LTC2997
1
2997fa
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Remote/Internal
Temperature Sensor
TheLTC®2997isahigh-accuracyanalogoutputtemperature
sensor. It converts the temperature of an external sensor or
its own temperature to an analog voltage output. A built-in
algorithm eliminates errors due to series resistance be-
tween the LTC2997 and the sensor diode.
The LTC2997 gives accurate results with low-cost diode-
connected NPN or PNP transistors or with integrated
temperature transistors on microprocessors or FPGAs.
Tying pin D+ to VCC configures the LTC2997 to measure
its internal temperature.
The LTC2997 provides an additional 1.8V reference voltage
output which can be used as an ADC reference input or
for generating temperature threshold voltages to compare
against the VPTAT output.
The LTC2997 provides a precise and versatile micropower
solution for accurate temperature sensing.
Single Remote Temperature Sensor
APPLICATIONS
n Converts Remote Sensor or Internal Diode
Temperature to Analog Voltage
n ±1°C Remote Temperature Accuracy
n ±1.5°C Internal Temperature Accuracy
n Built-In Series Resistance Cancellation
n 2.5V to 5.5V Supply Voltage
n 1.8V Reference Voltage Output
n 3.5ms VPTAT Update Time
n 4mV/°K Output Gain
n 170μA Quiescent Current
n Available in 6-Pin 2mm × 3mm DFN Package
n Temperature Measurement
n Remote Temperature Measurement
n Environmental Monitoring
n System Thermal Control
n Desktop and Notebook Computers
n Network Servers
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
VPTAT vs Remote Sensor Temperature
VREF
4mV/K
1.8V
2.5V TO 5.5V
0.1μF
D+
D–
LTC2997
MMBT 3904
470pF
2997 TA01a
VCC
VPTAT
GND
REMOTE SENSOR TEMPERATURE (°C)
–50
0.8
1.0
1.2
1.4
050
100
150
2997 TA01b
1.6
1.8
–25
25
75
125


Similar Part No. - LTC2997

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2997 LINER-LTC2997 Datasheet
229Kb / 20P
Temperature Sensor and Dual Voltage Monitor
LTC2997 LINER-LTC2997 Datasheet
236Kb / 16P
Temperature Sensor with Alert Outputs Voltage Output Proportional to Temperature
LTC2997 LINER-LTC2997 Datasheet
1Mb / 54P
16-/14-/11-Bit 2.7Gsps DACs
logo
Analog Devices
LTC2997 AD-LTC2997 Datasheet
337Kb / 26P
Quad I2C Voltage, Current and Temperature Monitor
11/18-REV.F
LTC2997 AD-LTC2997 Datasheet
3Mb / 90P
Isolated High Accuracy Digital Temperature Measurement System with EEPROM
More results

Similar Description - LTC2997

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1668 MAXIM-MAX1668_00 Datasheet
224Kb / 16P
Multichannel Remote/Local Temperature Sensor
Rev 0; 8/00
logo
Texas Instruments
TMP421 TI1-TMP421_12 Datasheet
904Kb / 34P
짹1째C Remote and Local TEMPERATURE SENSOR
TMP421 TI1-TMP421_15 Datasheet
1Mb / 35P
짹1째C Remote and Local TEMPERATURE SENSOR
LM63 TI1-LM63_14 Datasheet
1Mb / 41P
Accurate Remote Diode Digital Temperature Sensor
LM64 TI1-LM64 Datasheet
1Mb / 38P
Remote Diode Temperature Sensor
LM96163 TI1-LM96163 Datasheet
1Mb / 49P
Remote Diode Digital Temperature Sensor
TMP421-Q1 TI1-TMP421-Q1 Datasheet
1Mb / 38P
Remote and Local Temperature Sensor
logo
uPI Group Inc.
US5004 UPI-US5004 Datasheet
876Kb / 15P
Digital Remote and Local Temperature Sensor
logo
Maxim Integrated Produc...
MAX31730 MAXIM-MAX31730 Datasheet
871Kb / 48P
3-Channel Remote Temperature Sensor
Rev 2; 4/15
logo
E+E Elektronik Ges.m.b....
EE471 EPLUSE-EE471 Datasheet
1Mb / 9P
Temperature Sensor with Remote Probe
09-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com