Electronic Components Datasheet Search
  English  ▼

X  

LTC2997 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2997
Description  Remote/Internal Temperature Sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2997 Datasheet(HTML) 5 Page - Linear Technology

  LTC2997 Datasheet HTML 1Page - Linear Technology LTC2997 Datasheet HTML 2Page - Linear Technology LTC2997 Datasheet HTML 3Page - Linear Technology LTC2997 Datasheet HTML 4Page - Linear Technology LTC2997 Datasheet HTML 5Page - Linear Technology LTC2997 Datasheet HTML 6Page - Linear Technology LTC2997 Datasheet HTML 7Page - Linear Technology LTC2997 Datasheet HTML 8Page - Linear Technology LTC2997 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
LTC2997
5
2997fa
LTC2997 Internal Sensor
Thermal Step Response
TYPICAL PERFORMANCE CHARACTERISTICS
Load Regulation of VPTAT –
Voltage vs Current
Supply Current vs Temperature
Load Regulation of VREF –
Voltage vs Current
LOAD CURRENT (mA)
1.780
1.800
1.790
0
2997 G10
1.820
1.810
–4
–2
2
4
VCC = 2.5V
VCC = 3.5V
VCC = 4.5V
VCC = 5.5V
TIME (s)
AIR
0
–50
–25
0
100
75
50
25
5
2997 G13
125
LTC2997 CONNECTED VIA 5 INCH
30AWG WRAPPING WIRES
12
3
4
ICE
WATER
BOILING
WATER
TA (°C)
–50
150
160
190
180
170
50
100
2997 G12
200
–25
0
25
75
125 150
TA = 25°C, VCC = 3.3V unless otherwise noted.
LOAD CURRENT (mA)
–4
1.22
1.23
1.26
1.25
1.24
–2
0
4
2997 G11
1.27
1.28
2
VCC = 2.5V
VCC = 3.5V
VCC = 4.5V
VCC = 5.5V
ILEAKAGE (nA)
–200
–6
4
2
0
–2
–4
0
100
2997 G14
6
–100
200
Remote Temperature Error vs
Leakage Current at D+ with
Remote Diode at 25°C, TRMT
Single Wire Remote Temperature
Error vs Potential Difference Between
Remote and Local Ground (VAC)
FREQUENCY (kHz)
0.1
0.01
1
0.1
10
1000
2997 G15
10
1
100
VAC = 50mVP-P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com