Electronic Components Datasheet Search
  English  ▼

X  

LTC3400 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3400
Description  600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3400 Datasheet(HTML) 4 Page - Linear Technology

  LTC3400 Datasheet HTML 1Page - Linear Technology LTC3400 Datasheet HTML 2Page - Linear Technology LTC3400 Datasheet HTML 3Page - Linear Technology LTC3400 Datasheet HTML 4Page - Linear Technology LTC3400 Datasheet HTML 5Page - Linear Technology LTC3400 Datasheet HTML 6Page - Linear Technology LTC3400 Datasheet HTML 7Page - Linear Technology LTC3400 Datasheet HTML 8Page - Linear Technology LTC3400 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LTC3400/LTC3400B
4
3400fa
PI FU CTIO S
SW (Pin 1): Switch Pin. Connect inductor between SW
and VIN. Optional Schottky diode is connected between
SW and VOUT. Keep these PCB trace lengths as short and
wide as possible to reduce EMI and voltage overshoot. If
the inductor current falls to zero, or SHDN is low, an
internal 100
Ω antiringing switch is connected from SW to
VIN to minimize EMI.
GND (Pin 2): Signal and Power Ground. Provide a short
direct PCB path between GND and the (–) side of the output
capacitor(s).
FB (Pin 3): Feedback Input to the gm Error Amplifier.
Connect resistor divider tap to this pin. The output voltage
can be adjusted from 2.5V to 5V by:
VOUT = 1.23V • [1 + (R1/R2)]
SHDN (Pin 4): Logic Controlled Shutdown Input.
SHDN = High: Normal free running operation, 1.2MHz
typical operating frequency.
SHDN = Low: Shutdown, quiescent current < 1
µA.
100
Ω connected between SW and VIN.
Typically, SHDN should be connected to VIN through a 1M
pull-up resistor.
VOUT (Pin 5): Output Voltage Sense Input and Drain of the
Internal Synchronous Rectifier MOSFET. Bias is derived
from VOUT. PCB trace length from VOUT to the output filter
capacitor(s) should be as short and wide as possible. VOUT
is held at VIN – 0.6V in shutdown due to the body diode of
the internal PMOS.
VIN (Pin 6): Battery Input Voltage. The device gets its
start-up bias from VIN. Once VOUT exceeds VIN, bias
comes from VOUT. Thus, once started, operation is com-
pletely independent from VIN. Operation is only limited by
the output power level and the battery’s internal series
resistance.
1.23V
REF
Burst Mode
OPERATION
CONTROL
SHUTDOWN
CONTROL
SLOPE
COMP
PWM
CONTROL
START-UP
OSC
MUX
A
B
A/B
RAMP
GEN
1.2MHz
FB
3400 BD
3
VOUT
OPTIONAL
SCHOTTKY
L1
4.7
µH
5
SW
1
VIN
SINGLE
CELL
INPUT
6
SHDN
4
GND
2
gm
ERROR
AMP
VOUT
GOOD
PWM
COMPARATOR
RC
80k
SHUTDOWN
CC
150pF
CP2
2.5pF
R2
604k
1%
(EXTERNAL)
R1
1.02M
1%
(EXTERNAL)
SLEEP
Σ
SYNC
DRIVE
CONTROL
0.35
Ω
0.45
Ω
2.3V
COUT
4.7
µF
3.3V
OUTPUT
CIN
1
µF
+
CURRENT
SENSE
CFF
(OPTIONAL)
BLOCK DIAGRA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com