Electronic Components Datasheet Search
  English  ▼

X  

LTC3400 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3400
Description  600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3400 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3400 Datasheet HTML 2Page - Linear Technology LTC3400 Datasheet HTML 3Page - Linear Technology LTC3400 Datasheet HTML 4Page - Linear Technology LTC3400 Datasheet HTML 5Page - Linear Technology LTC3400 Datasheet HTML 6Page - Linear Technology LTC3400 Datasheet HTML 7Page - Linear Technology LTC3400 Datasheet HTML 8Page - Linear Technology LTC3400 Datasheet HTML 9Page - Linear Technology LTC3400 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LTC3400/LTC3400B
6
3400fa
PCB LAYOUT GUIDELINES
The high speed operation of the LTC3400/LTC3400B
demands careful attention to board layout. You will not get
advertised performance with careless layout. Figure 2
shows the recommended component placement. A large
ground pin copper area will help to lower the chip tempera-
ture. A multilayer board with a separate ground plane is
ideal, but not absolutely necessary.
APPLICATIO S I FOR ATIO
II
VD
fL
D
OUT MAX
P
IN
()
•–
•
••
•–
=

 ()
η
2
1
where:
η = estimated efficiency
IP = peak current limit value (0.6A)
VIN = input (battery) voltage
D = steady-state duty ratio = (VOUT – VIN)/VOUT
f = switching frequency (1.2MHz typical)
L = inductance value
SW
GND
FB
1
2
3
6
5
4
VIN
VOUT
SHDN
SHDN
(OPTIONAL)
3400 F02
VOUT
VIN
RECOMMENDED COMPONENT PLACEMENT. TRACES
CARRYING HIGH CURRENT ARE DIRECT. TRACE AREA AT
FB PIN IS SMALL. LEAD LENGTH TO BATTERY IS SHORT
Figure 2. Recommended Component Placement
for Single Layer Board
COMPONENT SELECTION
Inductor Selection
The LTC3400/LTC3400B can utilize small surface mount
and chip inductors due to their fast 1.2MHz switching
frequency. A minimum inductance value of 3.3
µH is
necessary for 3.6V and lower voltage applications and
4.7
µH for output voltages greater than 3.6V. Larger values
INDUCTANCE (
µH)
3
60
80
110
120
160
7
11 13
21
180
140
59
15 17 19
23
3400 F03
VIN =1.2V
VOUT = 3V
VOUT = 3.3V
VOUT = 3.6V
VOUT = 5V
Figure 3. Maximum Output Current vs
Inductance Based On 90% Efficiency
of inductance will allow greater output current capability
by reducing the inductor ripple current. Increasing the
inductance above 10
µH will increase size while providing
little improvement in output current capability.
The approximate output current capability of the LTC3400/
LTC3400B versus inductance value is given in the equa-
tion below and illustrated graphically in Figure 3.
burst threshold, the LTC3400 will resume continuous
PWM operation seamlessly. Referring to the Block Dia-
gram, an optional capacitor (CFF) between VOUT and FB in
some circumstances can reduce the peak-to-peak VOUT
ripple and input quiescent current during Burst Mode
operation. Typical values for CFF range from 15pF to
220pF. The LTC3400B does not use Burst Mode operation
and features continous operation at light loads, eliminat-
ing low frequency output voltage ripple at the expense of
light load efficiency.
OPERATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com