Electronic Components Datasheet Search
  English  ▼

X  

LTC3403 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3403
Description  1.5MHz, 600mA Synchronous Step-Down Regulator with Bypass Transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3403 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3403 Datasheet HTML 3Page - Linear Technology LTC3403 Datasheet HTML 4Page - Linear Technology LTC3403 Datasheet HTML 5Page - Linear Technology LTC3403 Datasheet HTML 6Page - Linear Technology LTC3403 Datasheet HTML 7Page - Linear Technology LTC3403 Datasheet HTML 8Page - Linear Technology LTC3403 Datasheet HTML 9Page - Linear Technology LTC3403 Datasheet HTML 10Page - Linear Technology LTC3403 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LTC3403
3403f
PI FU CTIO S
GDR (Pin 1): MOSFET Gate Driver. Drives a small external
P-channel MOSFET.
VIN (Pin 2): Main Supply Pin. Must be closely decoupled
to GND, Pin 3, with a 10
µF or greater ceramic capacitor.
GND (Pin 3): Ground Pin.
SW (Pin 4): Switch Node Connection to Inductor. This pin
connects to the drains of the internal main and synchro-
nous power MOSFET switches.
RUN (Pin 5): Run Control Input. Forcing this pin above
1.5V enables the part. Forcing this pin below 0.3V shuts
down the device. In shutdown, all functions are disabled
drawing <1
µA supply current. Do not leave RUN floating.
MODE (Pin 6): Mode Select Input. To select forced con-
tinuous mode, tie to VIN. Grounding this pin selects Burst
Mode operation. Do not leave this pin floating.
REF (Pin 7): External Reference Input. Controls the output
voltage to 3
× the applied voltage at REF. Also turns on the
bypass MOSFET when VREF > 1.2V.
VOUT (Pin 8): Output Voltage Feedback Pin. An internal
resistive divider divides the output voltage down by 3 for
comparison to the external reference voltage. The drain of
the P-channel bypass MOSFET is connected to this pin.
Exposed Pad (Pin 9): Connect to GND, Pin 3.
FU CTIO AL DIAGRA
+
–
+
–
+
–
BCMP
EA
P-CHANNEL
FB
IRCMP
+
–
ICOMP
7
5
RUN
OSC
SLOPE
COMP
OSC
FREQ
÷2
1.2V
0.85V
0.65V
SLEEP
REF
8
VOUT
360k
180k
6
MODE
EN
BURST
VIN
S
R
RS LATCH
SWITCHING
LOGIC
AND
BLANKING
CIRCUIT
ANTI-
SHOOT-
THRU
Q
Q
5
Ω
2
SW
4
GND
3403 BD
3
9
GDR
VIN
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com