Electronic Components Datasheet Search
  English  ▼

X  

LTC3403 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3403
Description  1.5MHz, 600mA Synchronous Step-Down Regulator with Bypass Transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3403 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3403 Datasheet HTML 8Page - Linear Technology LTC3403 Datasheet HTML 9Page - Linear Technology LTC3403 Datasheet HTML 10Page - Linear Technology LTC3403 Datasheet HTML 11Page - Linear Technology LTC3403 Datasheet HTML 12Page - Linear Technology LTC3403 Datasheet HTML 13Page - Linear Technology LTC3403 Datasheet HTML 14Page - Linear Technology LTC3403 Datasheet HTML 15Page - Linear Technology LTC3403 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LTC3403
3403f
APPLICATIO S I FOR ATIO
Reductions in power dissipation occur at higher supply
voltages, where the junction temperature is lower due to
reduced switch resistance (RDS(ON)). Further reductions
may be achieved using an external bypass FET (Figure 5),
which operates in parallel with the network described
above.
Checking Transient Response
The regulator loop response can be checked by looking at
the load transient response. Switching regulators take
several cycles to respond to a step in load current. When
a load step occurs, VOUT immediately shifts by an amount
equal to (ILOAD • ESR), where ESR is the effective series
resistance of COUT. ILOAD also begins to charge or dis-
charge COUT, which generates a feedback error signal. The
regulator loop then acts to return VOUT to its steady state
value. During this recovery time VOUT can be monitored for
overshoot or ringing that would indicate a stability prob-
lem. For a detailed explanation of switching control loop
theory, see Application Note 76.
A second, more severe transient is caused by switching in
loads with large (>1
µF) supply bypass capacitors. The
discharged bypass capacitors are effectively put in parallel
with COUT, causing a rapid drop in VOUT. No regulator can
deliver enough current to prevent this problem if the load
switch resistance is low and it is driven quickly. The only
solution is to limit the rise time of the switch drive so that
the load rise time is limited to approximately (25 • CLOAD).
Thus, a 10
µF capacitor charging to 3.3V would require a
250
µs rise time, limiting the charging current to about
130mA.
VOUT
REF
MODE
RUN
1
2
3
4
8
7
6
5
LTC3403
LTC3403 F06
VIN
VOUT
GDR
VIN
SW
GND
DAC
RREF
CREF
BOLD LINES INDICATE HIGH CURRENT PATHS
CIN
COUT
Figure 6.Layout Diagram
Figure 5. Driving an External Bypass FET
VIN
SW
GDR
VOUT
LTC3403
LTC3403 F05
VIN
VOUT
M1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com