Electronic Components Datasheet Search
  English  ▼

X  

LTC3405 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3405
Description  1.5MHz, 300mA Synchronous Step-Down Regulator in ThinSOT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3405 Datasheet(HTML) 1 Page - Linear Technology

  LTC3405 Datasheet HTML 1Page - Linear Technology LTC3405 Datasheet HTML 2Page - Linear Technology LTC3405 Datasheet HTML 3Page - Linear Technology LTC3405 Datasheet HTML 4Page - Linear Technology LTC3405 Datasheet HTML 5Page - Linear Technology LTC3405 Datasheet HTML 6Page - Linear Technology LTC3405 Datasheet HTML 7Page - Linear Technology LTC3405 Datasheet HTML 8Page - Linear Technology LTC3405 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LTC3405
3405fa
■ High Efficiency: Up to 96%
■ Very Low Quiescent Current: Only 20
µA
During Operation
■ 300mA Output Current at VIN = 3V
■ 2.5V to 5.5V Input Voltage Range
■ 1.5MHz Constant Frequency Operation
■ No Schottky Diode Required
■ Low Dropout Operation: 100% Duty Cycle
■ 0.8V Reference Allows Low Output Voltages
■ Shutdown Mode Draws < 1µA Supply Current
■ ±2% Output Voltage Accuracy
■ Current Mode Operation for Excellent Line and
Load Transient Response
■ Overtemperature Protected
■ Low Profile (1mm) ThinSOT
TM Package
The LTC
®3405 is a high efficiency monolithic synchro-
nous buck regulator using a constant frequency, current
mode architecture. Supply current during operation is
only 20µA and drops to <1µA in shutdown. The 2.5V to
5.5V input voltage range makes the LTC3405 ideally suited
for single Li-Ion battery-powered applications. 100% duty
cycle provides low dropout operation, extending battery
life in portable systems.
Switching frequency is internally set at 1.5MHz, allowing
the use of small surface mount inductors and capacitors.
The internal synchronous switch increases efficiency and
eliminates the need for an external Schottky diode. Low
output voltages are easily supported with the 0.8V feed-
back reference voltage. The LTC3405 is available in a low
profile (1mm) ThinSOT package.
For new designs, refer to the LTC3405A data sheet. For
fixed 1.5V and 1.8V output versions, refer to the
LTC3405A-1.5/LTC3405A-1.8 data sheet.
■ Cellular Telephones
■ Personal Information Appliances
■ Wireless and DSL Modems
■ Digital Still Cameras
■ MP3 Players
■ Portable Instruments
Figure 1a. High Efficiency Step-Down Converter
1.5MHz, 300mA
Synchronous Step-Down
Regulator in ThinSOT
Figure 1b. Efficiency vs Load Current
VIN
CIN†
2.2µF
CER
VIN
2.7V
TO 5.5V
*
**
†
††
LTC3405
RUN
MODE
3
4.7µH**
22pF
887k
280k
3405 F01a
VOUT CONNECTED TO VIN FOR 2.7V < VIN < 3.3V
MURATA LQH3C4R7M34
TAIYO YUDEN LMK212BJ225MG
AVX TPSB336K006R0600
5
4
6
1
2
SW
VFB
GND
COUT††
33µF
VOUT*
3.3V
+
, LTC and LT are registered trademarks of Linear Technology Corporation.
ThinSOT is a trademark of Linear Technology Corporation.
Protected by U.S. Patents, including 6580258, 5481178.
OUTPUT CURRENT (mA)
0.1
10
1000
100
95
90
85
80
75
70
65
60
3405 F01b
1
100
VIN = 3.6V
VIN = 4.2V
VIN = 5.5V
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO


Similar Part No. - LTC3405

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3405 LINER-LTC3405 Datasheet
239Kb / 16P
1.5MHz, 300mA Synchronous Step-Down Regulator in ThinSOT
logo
Linear Integrated Syste...
LTC3405 LINEAR-LTC3405 Datasheet
195Kb / 18P
Standalone 250mA Li-Ion Battery Charger in 2 횞 2 DFN
logo
Linear Technology
LTC3405 LINER-LTC3405 Datasheet
229Kb / 16P
1.5MHz, 600mA Synchronous Step-Down egulator in ThinSOT
LTC3405 LINER-LTC3405 Datasheet
210Kb / 20P
2.5A, 10V, Monolithic Synchronous Step-Down Regulator
LTC3405 LINER-LTC3405 Datasheet
210Kb / 20P
2.5A, 10V, Monolithic Synchronous Step-Down Regulator
More results

Similar Description - LTC3405

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3406 LINER-LTC3406 Datasheet
233Kb / 16P
1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406B-1.2 LINER-LTC3406B-1.2 Datasheet
277Kb / 12P
1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3405 LINER-LTC3405 Datasheet
239Kb / 16P
1.5MHz, 300mA Synchronous Step-Down Regulator in ThinSOT
LTC3405A-1.375 LINER-LTC3405A-1.375 Datasheet
260Kb / 12P
1.375V, 1.5MHz, 300mA Synchronous Step-Down Regulators in ThinSOT
LTC3405A LINER-LTC3405A Datasheet
214Kb / 16P
1.5MHz, 300mA Synchronous Step-Down Regulator in ThinSOT
LTC3406AB LINER-LTC3406AB Datasheet
307Kb / 16P
1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3405A LINER-LTC3405A_15 Datasheet
219Kb / 16P
1.5MHz, 300mA Synchronous Step-Down Regulator in ThinSOT
LTC3405A-1.375 LINER-LTC3405A-1.375_15 Datasheet
266Kb / 12P
1.375V, 1.5MHz, 300mA Synchronous Step-Down Regulators in ThinSOT
LTC3406-1.5 LINER-LTC3406-1.5_15 Datasheet
246Kb / 16P
1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406B LINER-LTC3406B_15 Datasheet
241Kb / 16P
1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com