Electronic Components Datasheet Search
  English  ▼

X  

LTC3405 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3405
Description  1.5MHz, 300mA Synchronous Step-Down Regulator in ThinSOT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3405 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3405 Datasheet HTML 8Page - Linear Technology LTC3405 Datasheet HTML 9Page - Linear Technology LTC3405 Datasheet HTML 10Page - Linear Technology LTC3405 Datasheet HTML 11Page - Linear Technology LTC3405 Datasheet HTML 12Page - Linear Technology LTC3405 Datasheet HTML 13Page - Linear Technology LTC3405 Datasheet HTML 14Page - Linear Technology LTC3405 Datasheet HTML 15Page - Linear Technology LTC3405 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LTC3405
3405fa
TYPICAL APPLICATIO S
VIN
CIN**
2.2µF
CER
VIN
2.7V
TO 4.2V
LTC3405
RUN
MODE
3
4.7µH*
22pF
887k
698k
3405 TA02a
5
4
6
1
2
SW
VFB
GND
COUT1***
1µF
CER
COUT2†
22µF
TANT
VOUT
1.8V
+
*
**
***
†
MURATA LQH3C4R7M34
TAIYO YUDEN CERAMIC LMK212BJ225MG
TAIYO YUDEN CERAMIC JMK107BJ105MA
AVX TAJA226M006R
Single Li-Ion to 1.8V/300mA Regulator
Using Ceramic and Tantalum Output Capacitors
VIN
CIN**
1µF
CER
*
**
†
TAIYO YUDEN LB2016T3R3M
TAIYO YUDEN CERAMIC JMK107BJ105MA
TAIYO YUDEN CERAMIC JMK212BJ475MG
VIN
2.7V
TO 4.2V
LTC3405
RUN
MODE
3
3.3µH*
22pF
200k
1M
3405 TA03a
5
4
6
1
2
SW
VFB
GND
COUT†
4.7µF
CER
VOUT
1.8V
332k
Single Li-Ion to 1.8V/200mA Regulator
Using All Ceramic Capacitors Optimized for Smallest Footprint
OUTPUT CURRENT (mA)
0.1
10
1000
100
90
80
70
60
50
40
30
3405 TA02b
1
100
VIN = 2.7V
VIN = 4.2V
VIN = 3.6V
OUTPUT CURRENT (mA)
0.1
10
1000
100
90
80
70
60
50
40
30
3405 TA03b
1
100
VIN = 2.7V
VIN = 4.2V
VIN = 3.6V
VOUT
100mV/DIV
AC COUPLED
ILOAD
200mA/DIV
IL
200mA/DIV
3405 TA03c
40µs/DIV
VIN = 3.6V
ILOAD = 100mA TO 250mA
VOUT
100mV/DIV
AC COUPLED
ILOAD
200mA/DIV
IL
200mA/DIV
40µs/DIV
VIN = 3.6V
VOUT = 1.8V
ILOAD = 100mA TO 250mA
3405 TA02c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com