Electronic Components Datasheet Search
  English  ▼

X  

AN1946 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN1946
Description  SENSORLESS BLDC MOTOR CONTROL AND BEMF SAMPLING METHODS WITH ST7MC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1946 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN1946 Datasheet HTML 5Page - STMicroelectronics AN1946 Datasheet HTML 6Page - STMicroelectronics AN1946 Datasheet HTML 7Page - STMicroelectronics AN1946 Datasheet HTML 8Page - STMicroelectronics AN1946 Datasheet HTML 9Page - STMicroelectronics AN1946 Datasheet HTML 10Page - STMicroelectronics AN1946 Datasheet HTML 11Page - STMicroelectronics AN1946 Datasheet HTML 12Page - STMicroelectronics AN1946 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
9/35
AN1946
The implemented resistors are used to limit the input current in the pad diode which clamps
the voltage on MCIA, MCIB and MCIC microcontroller inputs.
The current in the clamping diode should not exceed 5mA and should typically be around
2mA.
For a high voltage (400V) DC bus, 200k resistors are to be used. For safety and power dissi-
pation, two 100k resistors in serial are implemented on each phase.
Resistors implemented on the starter kit board are two 82k which is suitable both for the 24V
motor included and also for high voltage motors.
3.3 PRACTICAL RESULTS
The sampling below (Figure 8) shows the voltage signal on one phase of the motor drive in 6-
step mode.
During both steps where the phase is not energized, corresponding to the floating state of the
winding, we can follow the progression of BEMF:
For the "rising transition" between T1 & T2 where BEMF passes from a negative to
positive value;
For the "falling transition" between T4 & T5 where BEMF passes from a positive to
negative value.
We can note the PWM superposition with the BEMF signal for both "ON" and "OFF" states of
the PWM.
For compare values set to zero, we get the zero crossing information only when the PWM is
in an "OFF" state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com