Electronic Components Datasheet Search
  English  ▼

X  

AN1946 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN1946
Description  SENSORLESS BLDC MOTOR CONTROL AND BEMF SAMPLING METHODS WITH ST7MC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1946 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN1946 Datasheet HTML 27Page - STMicroelectronics AN1946 Datasheet HTML 28Page - STMicroelectronics AN1946 Datasheet HTML 29Page - STMicroelectronics AN1946 Datasheet HTML 30Page - STMicroelectronics AN1946 Datasheet HTML 31Page - STMicroelectronics AN1946 Datasheet HTML 32Page - STMicroelectronics AN1946 Datasheet HTML 33Page - STMicroelectronics AN1946 Datasheet HTML 34Page - STMicroelectronics AN1946 Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
31/35
AN1946
Figure 28. Test result shows the zero-crossing is unsymmetrical
The wrong zero detection will cause wrong commutation which probably will stall the motor.
Also bad zero-crossing will cause bad speed regulation.
(b). At low voltage or low speed, the zero-crossing slope is very flat. The offset and the hyster-
esis loop of the comparator will cause the bad zero-crossing detection. Meanwhile, because of
the low Back EMF, it is very susceptible to the noise.
10.2.1 Solution
To solve the first problem, we need to eliminate the effect of diode voltage drop. Adding an-
other constant voltage before the voltage signal is sent to the comparator can eliminate the ef-
fect of the diode.
To solve the second problem, we need to sharpen the slope of the Back EMF during the zero
crossing period. We can use an amplifier to amply the Back EMF signal only around zero
crossing time because we are not interested in other time periods.
Figure 29 shows the solution.
Figure 29. Solution to improve BACK EMF detection
Z
ero-crossingsignal
Z
ero-crossingsignal
r
r
Rf
Va,b,c
15V
TS274
GND
E
Vcon
r
R1
R2
r
r
Rf
Va,b,c
15V
TS274
GND
E
Vcon
r
R1
R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com