Electronic Components Datasheet Search
  English  ▼

X  

LTC3801 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3801
Description  Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3801 Datasheet(HTML) 1 Page - Linear Technology

  LTC3801 Datasheet HTML 1Page - Linear Technology LTC3801 Datasheet HTML 2Page - Linear Technology LTC3801 Datasheet HTML 3Page - Linear Technology LTC3801 Datasheet HTML 4Page - Linear Technology LTC3801 Datasheet HTML 5Page - Linear Technology LTC3801 Datasheet HTML 6Page - Linear Technology LTC3801 Datasheet HTML 7Page - Linear Technology LTC3801 Datasheet HTML 8Page - Linear Technology LTC3801 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC3801/LTC3801B
sn3801 3801fs
Micropower
Constant Frequency Step-Down
DC/DC Controllers in ThinSOT
s
High Efficiency: Up to 94%
s
Very Low No-Load Quiescent Current:
Only 16
µA (LTC3801)
s
High Output Currents Easily Achieved
s
Internal Soft-Start
s
Wide VIN Range: 2.4V to 9.8V
s
Low Dropout: 100% Duty Cycle
s
Constant Frequency 550kHz Operation
s
Burst Mode
® Operation for High Efficiency
at Light Loads (LTC3801)
s
Burst Mode Operation Disabled for Lower Output
Ripple at Light Loads (LTC3801B)
s
Output Voltage as Low as 0.8V
s
±1.5% Voltage Reference Accuracy
s
Current Mode Operation for Excellent Line and Load
Transient Response
s
Only 6
µA Supply Current in Shutdown (LTC3801)
s
Low Profile (1mm) SOT-23 Package
s
1- or 2-Cell Li-Ion Battery-Powered Applications
s
Wireless Devices
s
Portable Computers
s
Distributed Power Systems
, LTC and LT are registered trademarks of Linear Technology Corporation.
550kHz Micropower Step-Down DC/DC Controller
The LTC
®3801/LTC3801B are constant frequency cur-
rent mode step-down DC/DC controllers in a low profile
(1mm max) 6-lead SOT-23 (ThinSOT
TM) package. The
parts provide excellent AC and DC load and line regula-
tion with
±1.5% output voltage accuracy. The LTC3801
consumes only 195
µA of quiescent current in normal
operation, dropping to 16
µA under no-load conditions.
The LTC3801/LTC3801B incorporate an undervoltage lock-
out feature that shuts down the device when the input
voltage falls below 2.2V. The LTC3801 automatically
switches into Burst Mode operation at light loads which
enhances efficiency at low output current. In the LTC3801B,
Burst Mode operation is disabled for lower output ripple at
light loads.
To further maximize the life of a battery source, the
external P-channel MOSFET is turned on continuously in
dropout (100% duty cycle). High switching frequency of
550kHz allows the use of a small inductor.
Burst Mode is a registered trademark of Linear Technology Corporation.
ThinSOT is a trademark of Linear Technology Corporation.
ITH/RUN
LTC3801/
LTC3801B
10k
402k
866k
0.025
Ω
4.7
µH
220pF
GND
VFB
3801 TA01
PGATE
VIN
SENSE–
10
µF
VIN
2.7V TO 9.8V
VOUT
2.5V
2A
47
µF
+
LTC3801 Efficiency vs Load Current*
LOAD CURRENT (mA)
0.1
70
75
80
85
90
1
10
100
10000
1000
3801 TA02
65
60
55
50
95
100
VIN = 3.3V
VIN = 6.6V
VIN = 8.4V
VIN = 9.8V
VOUT = 2.5V
VIN = 4.2V
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
*SEE NO-LOAD IQ vs INPUT VOLTAGE ON THE LAST PAGE OF THIS DATA SHEET


Similar Part No. - LTC3801

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3801 LINER-LTC3801 Datasheet
247Kb / 12P
Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
LTC3801 LINER-LTC3801 Datasheet
237Kb / 12P
Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
LTC3801B LINER-LTC3801B Datasheet
247Kb / 12P
Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
LTC3801B LINER-LTC3801B Datasheet
237Kb / 12P
Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
LTC3801B LINER-LTC3801B Datasheet
242Kb / 12P
Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
More results

Similar Description - LTC3801

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3801 LINER-LTC3801 Datasheet
247Kb / 12P
Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
LTC3772 LINER-LTC3772 Datasheet
252Kb / 20P
Micropower No RSENSE Constant Frequency Step-Down DC/DC Controller
LTC3772B LINER-LTC3772B Datasheet
322Kb / 20P
Micropower No RSENSE Constant Frequency Step-Down DC/DC Controller
LTC3801 LINER-LTC3801_1 Datasheet
237Kb / 12P
Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
LT1615ES5-1 LINER-LT1615ES5-1 Datasheet
170Kb / 8P
Micropower Step-Up DC/DC Converters in ThinSOT
LT1615 LINER-LT1615_15 Datasheet
170Kb / 8P
Micropower Step-Up DC/DC Converters in ThinSOT
LTC1872B LINER-LTC1872B_15 Datasheet
204Kb / 12P
Constant Frequency Current Mode Step-Up DC/DC Controller in ThinSOT
LTC3801B LINER-LTC3801B_15 Datasheet
242Kb / 12P
Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
LTC3772 LINER-LTC3772_15 Datasheet
258Kb / 20P
Micropower No RSENSE Constant Frequency Step-Down DC/DC Controller
LTC3772B LINER-LTC3772B_15 Datasheet
328Kb / 20P
Micropower No RSENSE Constant Frequency Step-Down DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com