Electronic Components Datasheet Search
  English  ▼

X  

LTC3801 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3801
Description  Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3801 Datasheet(HTML) 4 Page - Linear Technology

  LTC3801 Datasheet HTML 1Page - Linear Technology LTC3801 Datasheet HTML 2Page - Linear Technology LTC3801 Datasheet HTML 3Page - Linear Technology LTC3801 Datasheet HTML 4Page - Linear Technology LTC3801 Datasheet HTML 5Page - Linear Technology LTC3801 Datasheet HTML 6Page - Linear Technology LTC3801 Datasheet HTML 7Page - Linear Technology LTC3801 Datasheet HTML 8Page - Linear Technology LTC3801 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LTC3801/LTC3801B
sn3801 3801fs
PI FU CTIO S
ITH/RUN (Pin 1): This pin performs two functions. It
serves as the error amplifier compensation point as well as
the run control input. Nominal voltage range for this pin is
0.7V to 1.9V. Forcing this pin below 0.6V causes the
device to be shut down. In shutdown, all functions are
disabled and the PGATE pin is held high.
GND (Pin 2): Ground Pin.
VFB (Pin 3): Receives the feedback voltage from an exter-
nal resistor divider across the output.
SENSE– (Pin 4): Current Sense Pin. An external sense
resistor is connected between this pin and VIN (Pin 5).
VIN (Pin 5): Supply Pin. This pin must be closely de-
coupled to GND (Pin 2).
PGATE (Pin 6): Gate Drive for the External P-Channel
MOSFET. This pin swings from 0V to VIN.
0.15V
SLEEP
COMPARATOR
1.2V
BURST
CLAMP
BURST
DEFEAT
(LTC3801B)
SHUTDOWN
COMPARATOR
ERROR
AMPLIFIER
OVERVOLTAGE
COMPARATOR
SHORT-CIRCUIT
DETECT
SLEEP
SHDN
UV
1
µA (LTC3801)
2
µA (LTC3801B)
ITH/RUN
0.225V
0.8V
0.88V
0V
PGATE
SOFT-START
CLAMP
550kHz
OSCILLATOR
SLOPE
COMPENSATION
CURRENT
COMPARATOR
UNDERVOLTAGE
LOCKOUT
SWITCHING
LOGIC AND
BLANKING
CIRCUIT
0.3V
–
+
–
+
1
VIN
5
–
+
VOLTAGE
REFERENCE
0.8V
ITH
BUFFER
0.3V
RS
RS
LATCH
VIN
FREQUENCY
FOLDBACK
Q
4
6
VFB
3801 FD
GND
3
2
SENSE–
15mV (LTC3801B)
ILIM
BURST
DEFEAT
(LTC3801B)
FU CTIO AL DIAGRA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com