Electronic Components Datasheet Search
  English  ▼

X  

LTC4050 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4050
Description  Lithium-Ion Linear Battery Charger with Thermistor Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4050 Datasheet(HTML) 1 Page - Linear Technology

  LTC4050 Datasheet HTML 1Page - Linear Technology LTC4050 Datasheet HTML 2Page - Linear Technology LTC4050 Datasheet HTML 3Page - Linear Technology LTC4050 Datasheet HTML 4Page - Linear Technology LTC4050 Datasheet HTML 5Page - Linear Technology LTC4050 Datasheet HTML 6Page - Linear Technology LTC4050 Datasheet HTML 7Page - Linear Technology LTC4050 Datasheet HTML 8Page - Linear Technology LTC4050 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC4050
4050f
Lithium-Ion Linear Battery
Charger with Thermistor Interface
The LTC
®4050-4.1/LTC4050-4.2 are complete standalone
constant-current/constant-voltage linear charge control-
lers for lithium-ion (Li-Ion) batteries. Charge current is
programmable and final float voltage has
±1% accuracy.
When the input supply is removed, the LTC4050 automati-
cally enters a low quiescent current sleep mode, dropping
the battery drain current to 5
µA. An internal comparator
detects the near-end-of-charge (C/10) condition while a
programmable timer, using an external capacitor, sets the
total charge time. Fully discharged cells are automatically
trickle charged at 10% of the programmed current until
cell voltage exceeds 2.49V. The thermistor interface
suspends charging if the cell temperature is outside of a
0
°C to 50°C temperature window.
The LTC4050 begins a new charge cycle when a discharged
battery is connected to the charger or when the input power
is applied. In addition, a new charge cycle is automatically
started if the battery remains connected to the charger and
the cell voltage drops below 3.88V for 4.1V cells or below
3.98V for 4.2V cells.
The LTC4050 is available in the 10-pin MSOP package.
s
Complete Standalone Linear Charger Controller
for 1-Cell Lithium-Ion Batteries
s
Thermistor Interface for Battery Temperature
Sensing
s
Preset Charge Voltage with
±1% Accuracy
s
Programmable Charge Current
s
C/10 Charge Current Detection Output
s
Programmable Charge Termination Timer
s
Input Supply (Wall Adapter) Detection Output
s
4.5V to 10V Input Voltage Range
s
Automatic Sleep Mode When Input Supply
is Removed (Only 5
µA Battery Drain)
s
Automatic Trickle Charging of Low Voltage Cells
s
Automatic Battery Recharge
s
Battery Insertion Detection
s
Space Saving 10-Pin MSOP Package
s
Cellular Phones
s
Handheld Computers
s
Charging Docks and Cradles
APPLICATIO S
TYPICAL APPLICATIO
Single Cell 4.2V 500mA Li-Ion Battery Charger
FEATURES
DESCRIPTIO
VCC
VIN
6V
SENSE
DRV
1k
1k
0.2
Ω
19.6k
4.2V
Li-Ion
CELL
LTC4050-4.2
*SHUTDOWN INVOKED BY FLOATING THE PROG PIN
BAT
CHRG
9
MBRM120T3
10
µF
4050 TA01
1
µF
IBAT = 500mA
0.1
µF
Si9430DY
7
1
6
*
8
52
+
3
10
4
ACPR
TIMER
PROG
NTC
GND
10k NTC
DALE NTHS-1206N02
T
, LTC and LT are registered trademarks of Linear Technology Corporation.
Charge Current vs
Thermistor Temperature
THERMISTOR TEMPERATURE (
°C)
–50
400
500
600
25
75
4050 TA05
300
200
–25
0
50
100
125
100
0
VBAT = 3.7V


Similar Part No. - LTC4050

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4050 LINER-LTC4050 Datasheet
191Kb / 12P
Lithium-Ion Linear Battery Charger with Thermistor Interface
logo
Linear Integrated Syste...
LTC4050 LINEAR-LTC4050 Datasheet
195Kb / 18P
Standalone 250mA Li-Ion Battery Charger in 2 횞 2 DFN
logo
Linear Technology
LTC4050 LINER-LTC4050 Datasheet
196Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4050 LINER-LTC4050 Datasheet
196Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4050EMS-4.1 LINER-LTC4050EMS-4.1 Datasheet
191Kb / 12P
Lithium-Ion Linear Battery Charger with Thermistor Interface
More results

Similar Description - LTC4050

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4050 LINER-LTC4050 Datasheet
191Kb / 12P
Lithium-Ion Linear Battery Charger with Thermistor Interface
LTC1732-8.4 LINER-LTC1732-8.4 Datasheet
148Kb / 12P
Lithium-Ion Linear Battery Charger Controller
logo
Agere Systems
PSC1534 AGERE-PSC1534 Datasheet
1Mb / 8P
Lithium-Ion Linear Battery Charger
logo
Linear Technology
LTC1731ES8-8.4 LINER-LTC1731ES8-8.4 Datasheet
161Kb / 12P
Lithium-Ion Linear Battery Charger Controller
LTC1732-4.2 LINER-LTC1732-4.2_15 Datasheet
181Kb / 12P
Lithium-Ion Linear Battery Charger Controller
logo
Shenzhen Huazhimei Semi...
HM4051ADR HMSEMI-HM4051ADR Datasheet
1Mb / 13P
1A Lithium Ion Battery Linear Charger
HM4057F HMSEMI-HM4057F Datasheet
1Mb / 8P
500mA linear lithium ion battery charger
logo
Dongguan Pingjingsemi T...
PJ4054B PJSEMI-PJ4054B Datasheet
3Mb / 6P
Linear Lithium-ion Battery Charger
PJ4057 PJSEMI-PJ4057 Datasheet
3Mb / 5P
Linear Lithium-ion Battery Charger
logo
Guangdong Youtai Semico...
TP4057 UMW-TP4057 Datasheet
618Kb / 8P
500mA linear lithium-ion battery charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com