Electronic Components Datasheet Search
  English  ▼

X  

LTC4050 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4050
Description  Lithium-Ion Linear Battery Charger with Thermistor Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4050 Datasheet(HTML) 5 Page - Linear Technology

  LTC4050 Datasheet HTML 1Page - Linear Technology LTC4050 Datasheet HTML 2Page - Linear Technology LTC4050 Datasheet HTML 3Page - Linear Technology LTC4050 Datasheet HTML 4Page - Linear Technology LTC4050 Datasheet HTML 5Page - Linear Technology LTC4050 Datasheet HTML 6Page - Linear Technology LTC4050 Datasheet HTML 7Page - Linear Technology LTC4050 Datasheet HTML 8Page - Linear Technology LTC4050 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LTC4050
4050f
PIN FUNCTIONS
BAT (Pin 1): Battery Sense Input. A precision internal
resistor divider on this pin sets the final float voltage. The
resistor divider is disconnected in sleep mode to reduce
the current drain on the battery. A bypass capacitor of
10
µF or more is required to keep the loop stable when the
battery is not connected.
NTC (Pin 2): Thermistor Interface Input. A 10k
Ω Dale
Curve 2 NTC thermistor (or other 10k
Ω NTC thermistor
with a room temperature beta of around 3400) is con-
nected from this pin to ground. The charge cycle will be
disabled and the timer will be placed on hold if the
thermistor temperature is above 50
°C or below 0°C.
CHRG (Pin 3): Charge Status Open-Drain Output. When
the battery is charging, the CHRG pin is pulled low by an
internal N-channel MOSFET. When the charge current
drops to 10% of the full-scale current for more than 15ms,
the N-channel MOSFET turns off and a 32
µA current
source is connected from the CHRG pin to GND. When the
timer runs out or the input supply is removed, the current
source is disconnected and the CHRG pin becomes high
impedance.
TIMER (Pin 4): Timer Capacitor and Constant-Voltage
Mode Disable Input Pin. The timer period is set by placing
a capacitor, CTIMER, to GND. The timer period is tTIMER =
(CTIMER • 3 hours)/(0.1µF). Shorting the TIMER pin to
GND will disable the internal timer function and the C/10
function.
GND (Pin 5): Ground.
PROG (Pin 6): Charge Current Program and Shutdown
Input Pin. The charge current is programmed by connect-
ing a resistor, RPROG to ground. The charge current is IBAT
= (VPROG • 800Ω)/(RPROG • RSENSE). The IC can be forced
into shutdown by floating the PROG pin and allowing the
internal 2.3
µAcurrentsourcetopullthepinabovethe3.6V
shutdown threshold voltage.
DRV (Pin 7): Drive Output Pin for the P-Channel MOSFET
or PNP Transistor. The impedance is high at this pin,
therefore, if a PNP pass transistor is used, it must have
high gain.
VCC (Pin 8): Positive Input Supply Voltage. VCC can range
from 4.5V to 10V. Bypass this pin with a 1
µF capacitor.
When VBAT is within 54mV of VCC, the LTC4050 is forced
into sleep mode, dropping ICC to 5µA.
SENSE (Pin 9): Current Sense Input. A sense resistor,
RSENSE, must be connected from VCC to the SENSE pin.
Select a resistor value that will develop approximately
100mV at the programmed full-scale charge current.
This resistor is chosen using the following equation:
RSENSE = (VPROG • 800Ω)/(RPROG • IBAT)
ACPR (Pin 10): Wall Adapter Present Output. When the
input voltage (wall adaptor) is applied to the LTC4050, this
pin is pulled to ground by an internal N-channel MOSFET
that is capable of sinking 5mA suitable for driving an
external LED.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com