Electronic Components Datasheet Search
  English  ▼

X  

LTC4076 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4076
Description  Dual Input Standalone Li-Ion Battery Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4076 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4076 Datasheet HTML 3Page - Linear Technology LTC4076 Datasheet HTML 4Page - Linear Technology LTC4076 Datasheet HTML 5Page - Linear Technology LTC4076 Datasheet HTML 6Page - Linear Technology LTC4076 Datasheet HTML 7Page - Linear Technology LTC4076 Datasheet HTML 8Page - Linear Technology LTC4076 Datasheet HTML 9Page - Linear Technology LTC4076 Datasheet HTML 10Page - Linear Technology LTC4076 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC4076
7
4076fa
USBIN (Pin 1): USB Input Supply Pin. Provides power to
thebatterycharger.Themaximumsupplycurrentis650mA.
This pin should be bypassed with a 1µF capacitor.
IUSB (Pin 2): Charge Current Program for USB Power.
The charge current is set by connecting a resistor, RIUSB,
to ground. When charging in constant-current mode, this
pin servos to 1V. The voltage on this pin can be used to
measure the battery current delivered from the USB input
using the following formula:
I
V
R
HPWR HIGH
I
V
R
BAT
IUSB
IUSB
BAT
IUSB
=
=
=
•
(
)
1000
IIUSB
HPWR LOW
•
(
)
200
=
ITERM (Pin 3): Termination Current Threshold Program.
The termination current threshold, ITERMINATE, is set by
connecting a resistor, RITERM, to ground. ITERMINATE is set
by the following formula:
I
V
R
TERMINATE
ITERM
=
100
When the battery current, IBAT, falls below the termination
threshold, charging stops and the CHRG output becomes
high impedance.
This pin is internally clamped to approximately 1.5V. Driv-
ing this pin to voltages beyond the clamp voltage should
be avoided.
PWR (Pin 4): Open-Drain Power Supply Status Output.
When the DCIN or USBIN pin voltage is sufficient to begin
charging (i.e. when the supply is greater than the under-
voltage lockout threshold and at least 180mV above the
battery terminal), the PWR pin is pulled low by an internal
N-channel MOSFET. Otherwise PWR is high impedance.
This output is capable of sinking up to 10mA, making it
suitable for driving an LED.
CHRG (Pin 5): Open-Drain Charge Status Output. When
the LTC4076 is charging, the CHRG pin is pulled low by
an internal N-channel MOSFET. When the charge cycle is
completed, CHRG becomes high impedance. This output
is capable of sinking up to 10mA, making it suitable for
driving an LED.
EN (Pin 6): Charge Enable Input. A logic low on this pin
enables the charger. If left floating, an internal 2MΩ pull-
down resistor defaults the LTC4076 to charge mode . Pull
this pin high for shutdown.
HPWR (Pin 7): HPWR Enable Input. Used to control the
amount of current drawn from the USB port. A logic high
on the HPWR pin sets the charge current to 100% of the
current programmed by the IUSB pin. A logic low on the
HPWR pin sets the charge current to 20% of the current
programmed by the IUSB pin. An internal 2MΩ pull-down
resistor defaults the HPWR pin to its low current state.
IDC (Pin 8): Charge Current Program for Wall Adapter
Power. The charge current is set by connecting a resis-
tor, RIDC, to ground. When charging in constant-current
mode, this pin servos to 1V. The voltage on this pin can
be used to measure the battery current delivered from the
DC input using the following formula:
I
V
R
BAT
IDC
IDC
=
•1000
BAT (Pin 9): Charger Output. This pin provides charge
current to the battery and regulates the final float voltage
to 4.2V.
DCIN (Pin 10): Wall Adapter Input Supply Pin. Provides
power to the battery charger. The maximum supply
current is 950mA. This should be bypassed with a 1μF
capacitor.
Exposed Pad (Pin 11): GND. The exposed backside of the
packageisgroundandmustbesolderedtoPCboardground
for electrical connection and maximum heat transfer.
PI FU CTIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com