Electronic Components Datasheet Search
  English  ▼

X  

LTC4076 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4076
Description  Dual Input Standalone Li-Ion Battery Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4076 Datasheet(HTML) 5 Page - Linear Technology

  LTC4076 Datasheet HTML 1Page - Linear Technology LTC4076 Datasheet HTML 2Page - Linear Technology LTC4076 Datasheet HTML 3Page - Linear Technology LTC4076 Datasheet HTML 4Page - Linear Technology LTC4076 Datasheet HTML 5Page - Linear Technology LTC4076 Datasheet HTML 6Page - Linear Technology LTC4076 Datasheet HTML 7Page - Linear Technology LTC4076 Datasheet HTML 8Page - Linear Technology LTC4076 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC4076
5
4076fa
Charge Current vs Supply Voltage
Charge Current vs Battery Voltage
DCIN Power FET “On” Resistance
vs Temperature
USBIN Power FET “On” Resistance
vs Temperature
EN Pin Threshold (Rising) vs
Temperature
HPWR Pin Threshold (Rising) vs
Temperature
DCIN Shutdown Current vs
Temperature
CHRG Pin I-V Curve
Charge Current vs Ambient
Temperature
TYPICAL PERFOR A CE CHARACTERISTICS
4076 G08
VDCIN = VUSBIN = 5V
35
30
25
20
15
10
5
0
TA = –40°C
TA = 25°C
TA = 90°C
VCHRG (V)
0
3
5
1
2
4
6
7
4076 G09
1000
800
600
400
200
0
TEMPERATURE (
°C)
–50
25
75
–25
0
50
100
125
HPWR = 5V
VDCIN = VUSBIN = 5V
VBAT = 4V
θJA = 40°C/W
RIDC = 1.25k
RIDC = RIUSB = 2k
ONSET OF
THERMAL REGULATION
4076 G10
VDCIN (V)
900
800
700
600
500
400
300
4.0
5.0
6.0 6.5
4.5
5.5
7.0 7.5 8.0
RIDC = 1.25k
VBAT = 4V
θJA = 35°C/W
ONSET OF
THERMAL REGULATION
TEMPERATURE (
°C)
–50
550
500
450
400
350
300
250
25
75
–25
0
50
100
125
VBAT = 4V
IBAT = 200mA
4076 G12
4076 G13
TEMPERATURE (
°C)
–50
25
75
–25
0
50
100
125
800
750
700
650
600
550
500
450
400
350
VBAT = 4V
IBAT = 200mA
HPWR = 5V
TEMPERATURE (
°C)
–50
25
75
–25
0
50
100
4076 G14
900
850
800
750
700
650
600
VDCIN = VUSBIN = 5V
4076 G15
TEMPERATURE (
°C)
–50
25
75
–25
0
50
100
900
850
800
750
700
650
600
VDCIN = VUSBIN = 5V
TEMPERATURE (
°C)
–50
25
75
–25
0
50
100
4076 G16
50
45
40
35
30
25
20
15
10
5
0
VDCIN = 8V
VDCIN = 5V
VDCIN = 4.3V
EN = 5V
4076 G11
VBAT (V)
2.4
1000
800
600
400
200
0
3.0
3.6
3.9
2.7
3.3
4.2
4.5
VDCIN = VUSBIN = 5V
θJA = 40°C/W
RIDC = 1.25k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com