Electronic Components Datasheet Search
  English  ▼

X  

LTC4150 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4150
Description  Coulomb Counter/ Battery Gas Gauge
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4150 Datasheet(HTML) 1 Page - Linear Technology

  LTC4150 Datasheet HTML 1Page - Linear Technology LTC4150 Datasheet HTML 2Page - Linear Technology LTC4150 Datasheet HTML 3Page - Linear Technology LTC4150 Datasheet HTML 4Page - Linear Technology LTC4150 Datasheet HTML 5Page - Linear Technology LTC4150 Datasheet HTML 6Page - Linear Technology LTC4150 Datasheet HTML 7Page - Linear Technology LTC4150 Datasheet HTML 8Page - Linear Technology LTC4150 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LTC4150
1
4150fc
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Coulomb Counter/
Battery Gas Gauge
The LTC
®4150 measures battery depletion and charging
in handheld PC and portable product applications. The
device monitors current through an external sense resistor
between the battery’s positive terminal and the battery’s
load or charger. A voltage-to-frequency converter trans-
forms the current sense voltage into a series of output
pulses at the interrupt pin. These pulses correspond to a
fixed quantity of charge flowing into or out of the battery.
The part also indicates charge polarity as the battery is
depleted or charged.
The LTC4150 is intended for 1-cell or 2-cell Li-Ion and
3-cell to 6-cell NiCd or NiMH applications.
Integral Nonlinearity, % of Full Scale
n Indicates Charge Quantity and Polarity
n ±50mV Sense Voltage Range
n Precision Timer Capacitor or Crystal Not Required
n 2.7V to 8.5V Operation
n High Side Sense
n 32.55Hz/V Charge Count Frequency
n 1.5μA Shutdown Current
n 10-Pin MSOP Package
n Battery Chargers
n Palmtop Computers and PDAs
n Cellular Telephones and Wireless Modems
CF
–
CF
+
INT
4.7μF
CLR
CHG
DISCHG
RL
RSENSE
POL
SHDN
4.7μF
CHARGER
LOAD
SENSE– SENSE+
GND
LTC4150
μP
4150 TA01a
VDD
+
RL
CURRENT SENSE VOLTAGE (mV)
–50
–25
0
25
50
4150 TA01b
0.5
0.4
0.3
0.2
0.1
–0.5
–0.4
–0.3
–0.2
–0.1
0
L, LT, LTC, LTM, Linear Technology, the Linear logo, Burst Mode are registered trademarks and
ThinSOT and PowerPath are trademarks of Linear Technology Corporation. All other trademarks
are the property of their respective owners.


Similar Part No. - LTC4150

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4150 LINER-LTC4150 Datasheet
136Kb / 12P
Coulomb Counter/ Battery Gas Gauge
LTC4150 LINER-LTC4150 Datasheet
940Kb / 24P
High Voltage, Bidirectional Current Sense Amplifier Low Power Shutdown <10關A
LTC4150 LINER-LTC4150 Datasheet
258Kb / 22P
High Voltage, High-Side Current Sense
logo
Analog Devices
LTC4150 AD-LTC4150 Datasheet
714Kb / 18P
Ultra-Low Power Battery Gas Gauge
Rev. 0
LTC4150 AD-LTC4150 Datasheet
1Mb / 14P
36V Low Cost High Side Current Sense in a SOT-23
Rev. C
More results

Similar Description - LTC4150

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2740 DALLAS-DS2740 Datasheet
248Kb / 15P
High-Precision Coulomb Counter
logo
Texas Instruments
BQ26231 TI-BQ26231 Datasheet
232Kb / 18P
LOW COST BATTERY COULOMB COUNTER FOR EMBEDDED PORTABLE APPLICATIONS
logo
Linear Technology
LTC4150 LINER-LTC4150 Datasheet
136Kb / 12P
Coulomb Counter/ Battery Gas Gauge
logo
STMicroelectronics
STC3100 STMICROELECTRONICS-STC3100 Datasheet
292Kb / 21P
Battery monitor IC with Coulomb counter/gas gauge
27-Jan-2009
logo
Linear Technology
LTC2941 LINER-LTC2941 Datasheet
166Kb / 16P
Battery Gas Gauge with I2C Interface
LTC4150 LINER-LTC4150_1 Datasheet
172Kb / 14P
Coulomb Counter/ Battery Gas Gauge
logo
Silicon Standard Corp.
SS4002AG SSC-SS4002AG Datasheet
967Kb / 23P
Smart Li-Ion Battery Gas Gauge
logo
Linear Technology
LTC2941 LINER-LTC2941_15 Datasheet
209Kb / 16P
Battery Gas Gauge with IC Interface
logo
Texas Instruments
BQ34110 TI1-BQ34110 Datasheet
164Kb / 7P
Multi-Chemistry CEDV Battery Gas Gauge
logo
Maxim Integrated Produc...
DS2740 MAXIM-DS2740 Datasheet
311Kb / 16P
High-Precision Coulomb Counter
051805
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com