Electronic Components Datasheet Search
  English  ▼

X  

LTC4150 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4150
Description  Coulomb Counter/ Battery Gas Gauge
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4150 Datasheet(HTML) 5 Page - Linear Technology

  LTC4150 Datasheet HTML 1Page - Linear Technology LTC4150 Datasheet HTML 2Page - Linear Technology LTC4150 Datasheet HTML 3Page - Linear Technology LTC4150 Datasheet HTML 4Page - Linear Technology LTC4150 Datasheet HTML 5Page - Linear Technology LTC4150 Datasheet HTML 6Page - Linear Technology LTC4150 Datasheet HTML 7Page - Linear Technology LTC4150 Datasheet HTML 8Page - Linear Technology LTC4150 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
LTC4150
5
4150fc
PIN FUNCTIONS
SENSE+ (Pin 1): Positive Sense Input. This is the nonin-
verting current sense input. Connect SENSE+ to the load
and charger side of the sense resistor. Full-scale current
sense input is 50mV. SENSE+ must be within 60mV of
VDD for proper operation.
SENSE– (Pin 2):
Negative Sense Input. This is the inverting
current sense input. Connect SENSE– to the positive bat-
tery terminal side of the sense resistor. Full-scale current
sense input is 50mV. SENSE– must be within 60mV of VDD
for proper operation.
CF+ (Pin 3): Filter Capacitor Positive Input. A capacitor
connected between CF+ and CF– filters and averages
noise and fast battery current variations. A 4.7μF value
is recommended. If filtering is not desired, leave CF+ and
CF– unconnected.
CF– (Pin 4): Filter Capacitor Negative Input. A capacitor
connected between CF+ and CF– filters and averages
noise and fast battery current variations. A 4.7μF value
is recommended. If filtering is not desired, leave CF+ and
CF– unconnected.
SHDN(Pin5):ShutdownDigitalInput.Whenassertedlow,
SHDNforcestheLTC4150intoitslowcurrentconsumption
power-down mode and resets the part. In applications
with logic supply VCC > VDD, a resistive divider must be
used between SHDN and the logic which drives it. See the
Applications Information section.
POL (Pin 6): Battery Current Polarity Open-Drain Output.
POL indicates the most recent battery current polarity when
INT is high. A low state indicates the current is flowing out
of the battery while high impedance means the current
is going into the battery. POL latches its state when INT
is asserted low. POL is an open-drain output and can be
pulled up to any logic supply up to 9V. In shutdown, POL
is high impedance.
GND (Pin 7): Ground. Connect directly to the negative
battery terminal.
VDD (Pin 8): Positive Power Supply. Connect to the load
and charger side of the sense resistor. SENSE+ also con-
nects to VDD. VDD operating range is 2.7V to 8.5V. Bypass
VDD with 4.7μF capacitor.
CLR (Pin 9): Clear Interrupt Digital Input. When asserted
low for more than 20μs, CLR resets INT high. Charge
counting is unaffected. INT may be directly connected to
CLR. In this case the LTC4150 will capture each assertion
of INT and wait at least 1μs before resetting it. This ensures
that INT pulses low for at least 1μs but gives automatic
INT reset. In applications with a logic supply VCC > VDD,
a resistive divider must be used between INT and CLR.
See the Applications Information section.
INT (Pin 10): Charge Count Interrupt Open-Drain Output.
INT latches low every 1/(VSENSE • GVF) seconds and is
reset by a low pulse at CLR. INT is an open-drain output
and can be pulled up to any logic supply of up to 9V. In
shutdown INT is high impedance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com