Electronic Components Datasheet Search
  English  ▼

X  

RH101A Datasheet(PDF) 1 Page - Linear Technology

Part # RH101A
Description  Operational Amplifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH101A Datasheet(HTML) 1 Page - Linear Technology

  RH101A Datasheet HTML 1Page - Linear Technology RH101A Datasheet HTML 2Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
DICE/DWF SPECIFICATION
RH101A
Operational Amplifier
DIE CROSS REFERENCE
Order DICE CANDIDATE
Part Number Below
LTC Finished
Part Number
RH101A
RH101A
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
RH101A DICE
RH101A DWF
DICE ELECTRICAL TEST LI ITS
TA = 25°C. VS = ±20V unless otherwise noted.
PAD FUNCTION
1.
2.
3.
4.
5.
6.
7.
8.
BAL/COMP
–IN
+IN
V–
BAL
OUT
V+
COMP
80
× 59 mils
5
8
7
6
1
4
Backside (substrate) is an alloyed gold layer. May be connected to V– or
no connection.
2
3
TA = 25°C
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNITS
Pre-Irradiation (Note 1)
VOS
Input Offset Voltage
RS ≤ 50k
2
mV
IOS
Input Offset Current
10
nA
IB
Input Bias Current
VCM = 0V
75
nA
AVOL
Large Signal Voltage Gain
VS = ±15V, VOUT = ±10V, RL ≥ 2k
50
V/mV
CMRR
Common Mode Rejection Ratio
RS ≤ 50k
80
dB
PSRR
Power Supply Rejection Ratio
RS ≤ 50k
80
dB
Input Voltage Range
VS = ±20V
±15
V
VOUT
Output Voltage Swing
VS = ±15V, RL ≥ 10k
±12
V
VS = ±15V, RL ≥ 2k
±10
V
IS
Supply Current
VS = ±20V
3
mA


Similar Part No. - RH101A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH101A LINER-RH101A Datasheet
196Kb / 8P
Quad Precision Operational Amplifier
More results

Similar Description - RH101A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
Operational Amplifier
logo
Linear Technology
LT1220 LINER-LT1220_15 Datasheet
271Kb / 12P
Operational Amplifier
LT1222 LINER-LT1222_15 Datasheet
261Kb / 12P
Operational Amplifier
logo
Texas Instruments
LM741 TI1-LM741 Datasheet
815Kb / 18P
Operational Amplifier
LM7332 TI1-LM7332 Datasheet
1Mb / 34P
Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
Operational Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com