Electronic Components Datasheet Search
  English  ▼

X  

RH101A Datasheet(PDF) 2 Page - Linear Technology

Part # RH101A
Description  Operational Amplifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH101A Datasheet(HTML) 2 Page - Linear Technology

  RH101A Datasheet HTML 1Page - Linear Technology RH101A Datasheet HTML 2Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
DICE/DWF SPECIFICATION
RH101A
DICE ELECTRICAL TEST LI ITS
©LINEAR TECHNOLOGY CORPORATION 2003
Wafer level testing is performed per the indicated specifications for dice. Considerable differences in performance can often be observed for dice versus
packaged units due to the influences of packaging and assembly on certain devices and/or parameters. Please consult factory for more information on
dice performance and lot qualifications via lot sampling test procedures.
Dice data sheet subject to change. Please consult factory for current revision in production.
I.D.No. 66-13-0101
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
LT/LT 0203 PRINTED IN USA
TA = 25°C. VS = ±20V unless otherwise noted.
10Krad(SI)
20Krad(SI)
50Krad(SI)
100Krad(SI)
200Krad(SI)
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX UNITS
Post-Irradiation (Note 4)
VOS
Input Offset Voltage
RS ≤ 50k
22223
mV
IOS
Input Offset Current
10
10
10
10
20
nA
IB
Input Bias Current
75
75
100
200
400
nA
CMRR
Common Mode
VCM = ±15V, RS ≤ 50k
80
80
80
80
80
dB
Rejection Ratio
PSRR
Power Supply
VCM = ±5V to ±20V,
8080808080
dB
Rejection Ratio
RS ≤ 50k
AVOL
Large Signal Voltage Gain
RL = ±2k, VO = ±10V,
5050505025
V/mV
VS = ±15V
VOUT
Maximumm Output
VS = ±15V, RL ≥ 10k
±12
±12
±12
±12
±12
V
Voltage Swing
VS = ±15V, RL ≥ 2k
±10
±10
±10
±10
±10
V
IS
Supply Current
VS = ±20V
33333
mA
Note 1: Unless otherwise noted, all measurements are made with unity
gain compensation (C1 = 30pF); these specifications apply for
±5V ≤ VS ≤
20V.
Note 2: For supply voltages less than
±15V, the maximum input voltage is
equal to the supply voltage.
Note 3: Refer to LTC standard product data sheet for all other applicable
information.
Note 4: The post-irradiation table is for lot qualification based on sample
lot assembly and testing only. Contact LTC marketing for more detail.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com