Electronic Components Datasheet Search
  English  ▼

X  

AN2271 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2271
Description  Ekey-Udisk solution
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2271 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2271 Datasheet HTML 1Page - STMicroelectronics AN2271 Datasheet HTML 2Page - STMicroelectronics AN2271 Datasheet HTML 3Page - STMicroelectronics AN2271 Datasheet HTML 4Page - STMicroelectronics AN2271 Datasheet HTML 5Page - STMicroelectronics AN2271 Datasheet HTML 6Page - STMicroelectronics AN2271 Datasheet HTML 7Page - STMicroelectronics AN2271 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
USB Interface
AN2271
4/8
3
USB Interface
This solution uses a USB Composite Device to combine the Ekey and Udisk functions into
one USB device.
The Ekey function uses an HID protocol, and the Udisk function uses a Mass Storage
protocol. Both of these two functions use a Microsoft driver, so when an Ekey-Udisk device
plugs in, Windows2000/XP recognizes one USB composite device comprised of one HID
device and one Mass Storage device. No extra driver is needed.
The USB interface for Udisk is traditional.
The USB interface for Ekey is shown below, and the PC Application Software can use this
data structure to communicate with Ekey through the HID driver.
Enumerating a USB composite device with HID and a Mass Storage device is listed in the
file descript.c
According to the HID protocol, PC communication is configured in USER_USB_Setup() in
User_lib.c
Note:
According to the limitation of the HID driver, in order to save time to send data to the device,
PC Application Software should select the correct Report ID based on the Message Length.
9 report types are provided for use with supporting lengths from 0x0f to 0x8f. If necessary,
additional descriptors can be created by modifying these to provide other report types.
Table 1.
Report ID based on message length
Report ID (1 Byte)
Message Length (1 Byte)
Data (1-128 Bytes)
ID
Length
Data Length
1
0x01~0x0f
Data(0x01~0x0f bytes)
2
0x01~0x1f
Data(0x01~0x1f bytes)
3
0x01~0x2f
Data(0x01~0x2f bytes)
4
0x01~0x3f
Data(0x01~0x3f bytes)
5
0x01~0x4f
Data(0x01~0x4f bytes)
6
0x01~0x5f
Data(0x01~0x5f bytes)
7
0x01~0x6f
Data(0x01~0x6f bytes)
8
0x01~0x7f
Data(0x01~0x7f bytes)
9
0x01~0x8f
Data(0x01~0x8f bytes)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com