Electronic Components Datasheet Search
  English  ▼

X  

AN2271 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2271
Description  Ekey-Udisk solution
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2271 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2271 Datasheet HTML 1Page - STMicroelectronics AN2271 Datasheet HTML 2Page - STMicroelectronics AN2271 Datasheet HTML 3Page - STMicroelectronics AN2271 Datasheet HTML 4Page - STMicroelectronics AN2271 Datasheet HTML 5Page - STMicroelectronics AN2271 Datasheet HTML 6Page - STMicroelectronics AN2271 Datasheet HTML 7Page - STMicroelectronics AN2271 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AN2271
NAND Flash Interface
5/8
4
NAND Flash Interface
This part firmware is migrated from the ST PFD solution, and for related applications, please
refer to the PFD application note.
This NAND Flash Interface provides two partitions where one is the Public Partition and the
other is the password-protected Security Partition.
Two types of NAND Flash (512B/page & 2kB/page) are supported. Other Flash formats can
be supported by modifying software.



Html Pages

1 2 3 4 5 6 7 8