| Electronic Components Datasheet Search |
|
UPD6467 Datasheet(PDF) 9 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD6467 Datasheet(HTML) 9 Page - NEC |
|
9 / 68 page ![]() 9 µPD6467 Data Sheet S14455EJ1V0DS00 1. INITIAL STATUS SETTING 1.1 Initial Status Setting The µPD6467 selects the following parameters by using an initial status setting command. Parameter Selected by: (1) Dot clock LC oscillation External clock input (2) Vertical display start position 3-row unit setting 9-row unit setting (3) Pin selection RGB + VC1 + VC2 RGB + RGB compatible BLK (RGB + 3BLK) (4) Output selection Option A Option B Option C (5) Character color reversal Black character White character specification selection (6) Function selection Character blinking Character left/right reversal (7) External clock frequency selection ×1 frequency mode ×2 frequency mode (1) Dot clock To select a dot clock for character display. If an external clock input is selected, refer to External Clock Input in 6. ELECTRICAL CHARACTERISTICS. (2) Vertical display start position To select the setting accuracy of the vertical display start position of the character display area. In 3-row units, the vertical display start position can be set more finely than in 9-row units. (3) Pin selection To select the setting of the output pins. When RGB + VC1 + VC2 is selected, character signals are output from pins VR, VG, VB, VBLK, VC1, BLK1, VC2, and BLK2. When RGB + 3BLK is selected, character signals are output from pins VR, VG, VB, RBLK, GBLK, BBLK, VC1, and BLK1. When RGB + VC1 + VC2 is selected with a video camera with a color view finder, colored characters can be displayed in the view finder. When RGB + 3BLK is selected, character signals can be separated color specification. (4) Output selection To set the output format of the character signal where the setting of the output pin is RGB + VC1 + VC2 (setting the output format of the character signal is invalid where the setting of the output pin is RGB + 3BLK). When an on-screen character display IC is used in a video camera, some items of information (such as date and title) are displayed on the video tape, and the others (such as battery alarm, focus, and counter indication) are only displayed in the view finder. The µPD6467 can select these items of information in row or half-row units by using the output pin. Select the output format from three types: option A, option B, and option C (when 3BLK is selected, however, be sure to select option B). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |