Electronic Components Datasheet Search
  English  ▼

X  

UPD6467 Datasheet(PDF) 17 Page - NEC

Part # UPD6467
Description  ON-SCREEN CHARACTER DISPLAY CMOS IC FOR 512-CHARACTER, 12-ROW, 28-COLUMN, CAMERA-CONTAINED VCR
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6467 Datasheet(HTML) 17 Page - NEC

Back Button UPD6467 Datasheet HTML 13Page - NEC UPD6467 Datasheet HTML 14Page - NEC UPD6467 Datasheet HTML 15Page - NEC UPD6467 Datasheet HTML 16Page - NEC UPD6467 Datasheet HTML 17Page - NEC UPD6467 Datasheet HTML 18Page - NEC UPD6467 Datasheet HTML 19Page - NEC UPD6467 Datasheet HTML 20Page - NEC UPD6467 Datasheet HTML 21Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 68 page
background image
17
µPD6467
Data Sheet S14455EJ1V0DS00
1.3.3 Character signal output with output select option C
Option C
Columns 0 through 11, and 12 through 27 on each row can be output to the VC1 and VC2 pins by using the OD0
and OD1 bits of the “output pin control command”.
Display example
TAPE
BATT
1/1000
AM 11:30
2000. 2.22
Displayed information such as alarm and tape counter
Recording information such as date and title
0000
REC
0
11 12
27
Example of view finder display
YOKOHAMA
BAY BRIDGE
Output example
TAPE
BATT
1/1000
RGB character output
(color character)
Character output of VC2 channel
(character specified by VC2)
AM 11:30
2000. 2.22
YOKOHAMA
BAY BRIDGE
TAPE
BATT
1/1000
Character output of VC1 channel
(specified row)
0000
REC
0000
REC
• In the case of setting OD1 bit to 0, the
VC1 outputs the characters of columns
0 to 27 in specified rows for which the
OD0 bit is set to 0, or the characters of
columns 0 to 11 in specified rows for
which the OD0 bit is set to 1, excluding
the characters for which the VC2
specified.
• In the case of setting OD1 bit to 1, the
VC1 outputs the characters of columns
12 to 27 in specified rows for which
the OD0 bit is set to 0, and the rows for
which the OD0 bit is set to 1 are not
output (the VC1 pin is fixed to low level),
excluding the characters for which the
VC2 specified.
• In the case of setting OD0 bit to 0, the
VC2 outputs the characters of columns
0 to 11 in specified rows for which the
OD1 bit is set to 1, and the rows for
which the OD1 bit is set to 0 are not
output (the VC2 pin is fixed to low level).
• In the case of setting OD0 bit to 1, the
VC2 outputs the characters of columns
12 to 27 in specified rows for which the
OD1 bit is set to 0, or the characters of
columns 0 to 27 in specified rows for
which the OD1 bit is set to 1.
• The character specified to VC2 is not
output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com