Electronic Components Datasheet Search
  English  ▼

X  

AN2326 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2326
Description  Calibrating the RC oscillator of the ST7ULTRALITE MCU using the mains
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2326 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2326 Datasheet HTML 3Page - STMicroelectronics AN2326 Datasheet HTML 4Page - STMicroelectronics AN2326 Datasheet HTML 5Page - STMicroelectronics AN2326 Datasheet HTML 6Page - STMicroelectronics AN2326 Datasheet HTML 7Page - STMicroelectronics AN2326 Datasheet HTML 8Page - STMicroelectronics AN2326 Datasheet HTML 9Page - STMicroelectronics AN2326 Datasheet HTML 10Page - STMicroelectronics AN2326 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
AN2326
Power supply and timebase delivery circuit
7/20
2
Power supply and timebase delivery circuit
The following figures show circuits which will provide 5V DC to the ST7ULTRALITE and
protect the input capture from overcurrent. If no power supply is needed, the only
component to keep is the resistor on the LTIC input, which is mainly to protect from
overcurrent.
2.1
Basic circuit
This circuit contains a capacitive power supply which converts the 220V/50Hz of the mains,
as well as the 110V/60Hz of the US mains, into 5V DC.
Warning:
be aware that this kind of power supply cannot be used if there are
big current variations.
It also inputs 220V/50Hz to the Lite Timer Input Capture pin (LTIC/PA2) protected by resistor
R2.
The incoming alternating signal on the LTIC input pin is 220V/50Hz. Because of the
clamping diode on the input of the ST7ULTRALITE, the input signal can be considered as a
0-5V square signal.
Figure 5.
Power supply and timebase delivery circuit diagram
The maximum current available in the microcontroller depends on the C2 value. Table 1
gives the maximum average current versus the capacitor value. The average current follows
the equation below:
In the case above, C2 is equal to 220nF so the available current is limited to 4.9 mA in the
case of a European mains. To have the same current levels in the case of the US mains
VDD
GND
LTIC
ST7ULTRALITE
zener
5.6V
C1
220µF/16V
1N4148
C2
220nF/400V
R1 47R/0.5W
R2 470k/0.5W
C2
(220V/50Hz)
Mains
Imax
Vmax 2 f C
⋅⋅ ⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com