Electronic Components Datasheet Search
  English  ▼

X  

AN2326 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2326
Description  Calibrating the RC oscillator of the ST7ULTRALITE MCU using the mains
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2326 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2326 Datasheet HTML 4Page - STMicroelectronics AN2326 Datasheet HTML 5Page - STMicroelectronics AN2326 Datasheet HTML 6Page - STMicroelectronics AN2326 Datasheet HTML 7Page - STMicroelectronics AN2326 Datasheet HTML 8Page - STMicroelectronics AN2326 Datasheet HTML 9Page - STMicroelectronics AN2326 Datasheet HTML 10Page - STMicroelectronics AN2326 Datasheet HTML 11Page - STMicroelectronics AN2326 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Power supply and timebase delivery circuit
AN2326
8/20
(110V/60Hz), C2 must be multiplied by two. A 440nF capacitor will limit the current to 4.9
mA.
For the US standard, R2 must be divided by two in order not to limit the current too much on
the LTIC input. A 220k
Ω resistor is enough in this case.
Table 1.
Maximum MCU current
2.2
Hardware protection
To prevent bad measurements due to noisy mains, a filter can be added between the mains
and the input capture of the ST7ULTRALITE. The following figure shows one example of a
filter. This filter is a pass band centered on the mains frequency in order to reject all
frequency which could be understood by the microcontroller as a mains edge.
Please note that this is just a second order filter and that this may not be enough if the mains
is really noisy. Any kind of filter can be added on the LTIC.
Figure 6.
Band pass filter
The pass band filter above must be tuned to mains frequency. The value of the resistors for
this filter is given in the table below.
Table 2.
Resistor values
Capacitor C2
Maximum Current
220nF
4.9mA
330nF
7.3mA
470nF
10.4mA
680nF
15mA
1µF
22.1mA
C1
R1
R2
R3
C2
C2
LTIC
mains
470nF/400V
470nF/400V
470nF/250V
resistors
50Hz/220V
60Hz/110V
R1
6.8K/0.5W
5.6K/0.5W
R2
6.8K/0.5W
5.6K/0.5W
R3
470K/0.5W
220K/0.5W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com