Electronic Components Datasheet Search
  English  ▼

X  

AN2475 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2475
Description  STR91xFAxxx in-application programming using UART
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2475 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2475 Datasheet HTML 3Page - STMicroelectronics AN2475 Datasheet HTML 4Page - STMicroelectronics AN2475 Datasheet HTML 5Page - STMicroelectronics AN2475 Datasheet HTML 6Page - STMicroelectronics AN2475 Datasheet HTML 7Page - STMicroelectronics AN2475 Datasheet HTML 8Page - STMicroelectronics AN2475 Datasheet HTML 9Page - STMicroelectronics AN2475 Datasheet HTML 10Page - STMicroelectronics AN2475 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
AN2475
IAP using the Ymodem protocol
7/37
2.2.3
Download image to internal Flash
To download a binary file via HyperTerminal to the STR91xFA internal Flash, follow the
procedure below:
●
Press “1” on the keyboard to choose the menu “Download image to internal Flash”
Then, in the Transfer menu, select “Send file”:
●
In the filename field, type the name and the path of the binary file to be sent.
●
In the protocol list, choose the Ymodem protocol,
●
Click the “Send” button.
Following these steps, the IAP driver loads the binary file into the STR91xFA internal Flash
from Bank0 sector0 base address and displays the binary file name and file size in the
HyperTerminal window.
2.2.4
Execute the new program
After loading the new program from HyperTerminal by selecting the “Download image to
internal Flash” menu, the code can be executed by selecting the “Execute the new
program” menu by pressing “2” from the keyboard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com