Electronic Components Datasheet Search
  English  ▼

X  

AN2475 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN2475
Description  STR91xFAxxx in-application programming using UART
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2475 Datasheet(HTML) 3 Page - STMicroelectronics

  AN2475 Datasheet HTML 1Page - STMicroelectronics AN2475 Datasheet HTML 2Page - STMicroelectronics AN2475 Datasheet HTML 3Page - STMicroelectronics AN2475 Datasheet HTML 4Page - STMicroelectronics AN2475 Datasheet HTML 5Page - STMicroelectronics AN2475 Datasheet HTML 6Page - STMicroelectronics AN2475 Datasheet HTML 7Page - STMicroelectronics AN2475 Datasheet HTML 8Page - STMicroelectronics AN2475 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
AN2475
IAP overview
3/37
1
IAP overview
1.1
Principle
The IAP driver must be programmed by the user in the Flash Bank1 after being remapped in
hardware to address 0x00 (Bank0 is hardware remapped at address 0x80000 for
256 or 512 Kbytes devices and at address 0x200000 for 1 or 2 Mbytes devices).
Note:
For 256K, Bank 0 must be at a 256K boundary (Bank 0 base addresses can be: 0x00,
ox40000, ox80000, etc.).
For 512K, Bank 0 must be at a 512K boundary (Bank 0 base addresses can be: 0x00,
ox80000, ox100000, etc.).
For 1M, Bank 0 must be at a 1M boundary (Bank 0 base addresses can be: 0x00,
0x100000, 0x200000, etc.).
For 2M, Bank 0 must be at a 2M boundary (Bank 0 base addresses can be: 0x00,
0x200000, 0x400000, etc.).
Programming is performed via JTAG using a Flasher toolset.
1.2
Triggering execution of the IAP driver
In this application note, the pin 4 of port 7 connected to the push button (PB3) on the
STR91xFA evaluation board is used as an example. This configuration allows the execution
of the IAP driver. By pressing the push button at reset, the user is able to run the IAP driver
to reprogram the STR91x internal Flash.
It is not mandatory to use the push button; the user can simply enter a signal on this pin with
respect to its corresponding active level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com