Electronic Components Datasheet Search
  English  ▼

X  

UPD64A Datasheet(PDF) 52 Page - NEC

Part # UPD64A
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD64A Datasheet(HTML) 52 Page - NEC

Back Button UPD64A Datasheet HTML 48Page - NEC UPD64A Datasheet HTML 49Page - NEC UPD64A Datasheet HTML 50Page - NEC UPD64A Datasheet HTML 51Page - NEC UPD64A Datasheet HTML 52Page - NEC UPD64A Datasheet HTML 53Page - NEC UPD64A Datasheet HTML 54Page - NEC UPD64A Datasheet HTML 55Page - NEC UPD64A Datasheet HTML 56Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 64 page
background image
52
µPD64A, 65
Data Sheet U14380EJ2V0DS00
12. CHARACTERISTIC CURVE (REFERENCE VALUES)
Power supply voltage VDD [V]
IDD vs VDD (fx = 4 MHz)
(TA = 25
°C)
1.5
2
3
2.5
3.6
4
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
OPERATING mode
HALT mode
1.5
2
3
2.5
3.6
4
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Power supply voltage VDD [V]
IDD vs VDD (fx = 8 MHz)
(TA = 25
°C)
OPERATING mode
HALT mode
25
20
15
10
5
0
12
3
Low-level output voltage VOL [V]
IOL vs VOL (REM, LED)
(TA = 25
°C, VDD = 3.0 V)
− 20
− 18
− 16
− 14
− 12
− 10
− 8
− 6
− 4
− 2
0
VDD
VDD
− 1VDD − 2VDD − 3
High-level output voltage VOH [V]
IOH vs VOH (REM, LED, KI/O)
(TA = 25
°C, VDD = 3.0 V)
500
450
400
350
300
250
200
150
100
50
01
2
3
Low-level output voltage VOL [V]
IOL vs VOL (KI/O)
(TA = 25
°C, VDD = 3.0 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com