Electronic Components Datasheet Search
  English  ▼

X  

UPD64A Datasheet(PDF) 17 Page - NEC

Part # UPD64A
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD64A Datasheet(HTML) 17 Page - NEC

Back Button UPD64A Datasheet HTML 13Page - NEC UPD64A Datasheet HTML 14Page - NEC UPD64A Datasheet HTML 15Page - NEC UPD64A Datasheet HTML 16Page - NEC UPD64A Datasheet HTML 17Page - NEC UPD64A Datasheet HTML 18Page - NEC UPD64A Datasheet HTML 19Page - NEC UPD64A Datasheet HTML 20Page - NEC UPD64A Datasheet HTML 21Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 64 page
background image
17
µPD64A, 65
Data Sheet U14380EJ2V0DS00
3.2.4 S2 port (bit 1 of P1)
The S2 port is an input port.
Use of the STOP mode release of the S2 port can be specified by bit 3 of the P4 register.
When using the pin as a key input from a key matrix, enable (bit 3 of P4 register is set to 1) the use of the STOP
mode release (at this time, a pull-down resistor is connected internally.) When the STOP mode release is disabled
(bit 3 of P4 register is set to 0), it can be used as the input port which does not release the STOP mode even if
the release condition is established (at this time, a pull-down resistor is not connected internally.)
The state of the pin can be read in both cases.
At reset, the pin is set to INPUT mode where the STOP mode release is disabled, and goes to high-impedance
state.
3.3 Control Register 0 (P3)
Control register 0 consists of 8 bits. The contents that can be controlled are as shown below.
When reset, the register becomes 0000 0011B.
Table 3-4. Control Register 0 (P3)
Bit
b7
b6
b5
b4
b3
b2
b1
b0
Name
—
DP (Data pointer)
TCTL
CARY
MOD1
MOD0
DP10Note
DP9
DP8
Set
0
Fixed
0
0
0
1/1
ON
Refer to Table 3-5.
value
1
to “0”
1
1
1
1/2
OFF
When reset 0
0
0
0
0
0
0
1
1
b0, b1 : These bits specify the carrier frequency and duty ratio of the REM output.
b2
: This bit specifies the availability of the carrier of the frequency specified by b0 and b1.
“0” = ON (with carrier); “1” = OFF (without carrier; high level)
b3
: This bit changes the carrier frequency and the timer clock’s frequency division ratio.
“0” = 1/1 (carrier frequency: the specified value of b0 and b1; timer clock: fX/64)
“1” = 1/2 (carrier frequency: half of the specified value of b0 and b1; timer clock: fX/128)
Table 3-5. Timer Clock and Carrier Frequency Setup
b3
b2
b1
b0
Timer Clock
Carrier Frequency (Duty Ratio)
0000fX/64
fX/8 (Duty 1/2)
01
fX/64 (Duty 1/2)
10
fX/96 (Duty 1/2)
11
fX/96 (Duty 1/3)
1
××
Without carrier (high level)
0000fX/128
fX/16 (Duty 1/2)
01
fX/128 (Duty 1/2)
10
fX/192 (Duty 1/2)
11
fX/192 (Duty 1/3)
1
××
Without carrier (high level)
b4, b5, b6 : These bits specify the high-order 3 bits (DP8, DP9 and DP10) of ROM’s data pointer.
Note Set DP10 of the
µPD64A to "0".
Remark
×: don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com