Electronic Components Datasheet Search
  English  ▼

X  

LT1101 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1101
Description  Precision, Micropower, Single Supply Instrumentation Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1101 Datasheet(HTML) 3 Page - Linear Technology

  LT1101 Datasheet HTML 1Page - Linear Technology LT1101 Datasheet HTML 2Page - Linear Technology LT1101 Datasheet HTML 3Page - Linear Technology LT1101 Datasheet HTML 4Page - Linear Technology LT1101 Datasheet HTML 5Page - Linear Technology LT1101 Datasheet HTML 6Page - Linear Technology LT1101 Datasheet HTML 7Page - Linear Technology LT1101 Datasheet HTML 8Page - Linear Technology LT1101 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT1101
1101fa
LT1101AM/AI/AC
LT1101M/I/C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
GE
Gain Error
G = 100, VO = ±10V, RL = 50k
0.008
0.040
0.009
0.060
%
G = 100, VO = ±10V, RL = 2k
0.011
0.055
0.012
0.070
%
G = 100, VO = ±10V, RL = 50k or 2k
0.008
0.040
0.009
0.060
%
GNL
Gain Nonlinearity
G = 100, RL = 50k
7
16
8
20
ppm
G = 100, RL = 2k
24
45
25
60
ppm
G = 10, RL = 50k or 2k
3
8
3
9
ppm
VOS
Input Offset Voltage
50
160
60
220
µV
LT1101SW
250
600
µV
lOS
Input Offset Current
0.13
0.60
0.15
0.90
nA
IB
Input Bias Current
6
8
6
10
nA
Input Resistance
Common Mode
(Note 2)
4
7
3
7
GΩ
Differential Mode
(Note 2)
7
12
5
12
GΩ
en
Input Noise Voltage
0.1Hz to 10Hz (Note 3)
0.9
1.8
0.9
µVp-p
Input Noise Voltage
fO = 10Hz (Note 3)
45
64
45
nV/√Hz
Density
fO = 1000Hz (Note 3)
43
54
43
nV/√Hz
in
Input Noise Current
0.1Hz to 10Hz (Note 3)
2.3
4.0
2.3
pAp-p
Input Noise Current
fO =10Hz (Note 3)
0.06
0.10
0.06
pA/√Hz
Density
fO = 1000Hz
0.02
0.02
pA/√Hz
lnput Voltage Range
G = 100
13.0
13.8
13.0
13.8
V
– 14.4
– 14.7
– 14.4
– 14.7
V
G = 10
11.5
12.5
11.5
12.5
V
– 13.0
– 13.3
– 13.0
– 13.3
V
CMRR
Common Mode
1k Source Imbalance
Rejection Ratio
G = 100, Over CM Range
100
112
98
112
dB
G = 10, Over CM Range
84
100
82
99
dB
PSRR
Power Supply
VS = +2.2V, –0.1V to ±18V
102
114
100
114
dB
Rejection Ratio
IS
Supply Current
92
130
94
150
µA
ELECTRICAL CHARACTERISTICS
LT11O1AM/AI/AC
LT1101M/I/C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
CMRR
Common Mode
1k Source Imbalance
Rejection Ratio
G = 100, VCM = 0.07V to 3.4V
95
106
92
105
dB
G = 10, VCM = 0.07V to 3.1V
84
100
82
99
dB
Minimum Supply Voltage
(Note 5)
1.8
2.3
1.8
2.3
V
VO
Maximum 0utput
Output High, 50k to GND
4.1
4.3
4.1
4.3
V
Voltage Swing
Output High, 2k to GND
3.5
3.9
3.5
3.9
V
Output Low, VREF = 0, No Load
3.3
6
3.3
6
mV
Output Low, VREF = 0, 2k to GND
0.5
1
0.5
1
mV
Output Low, VREF = 0, lSINK = 100µA90
130
90
130
mV
BW
Bandwidth
G = 100 (Note 2)
2.0
3.0
2.0
3.0
kHz
G = 10 (Note 2)
22
33
22
33
kHz
SR
Slew Rate
(Note 2)
0.04
0.07
0.04
0.07
V/µs
VS = 5V, 0V, VCM = 0.1V, VREF(PIN 1) = 0.1V, G = 10 or 100, TA = 25°C, unless
otherwise noted. (Note 4)
VS = ±15V, VCM = 0V, TA = 25°C, Gain = 10 or 100, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com