Electronic Components Datasheet Search
  English  ▼

X  

LT1101 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1101
Description  Precision, Micropower, Single Supply Instrumentation Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1101 Datasheet(HTML) 4 Page - Linear Technology

  LT1101 Datasheet HTML 1Page - Linear Technology LT1101 Datasheet HTML 2Page - Linear Technology LT1101 Datasheet HTML 3Page - Linear Technology LT1101 Datasheet HTML 4Page - Linear Technology LT1101 Datasheet HTML 5Page - Linear Technology LT1101 Datasheet HTML 6Page - Linear Technology LT1101 Datasheet HTML 7Page - Linear Technology LT1101 Datasheet HTML 8Page - Linear Technology LT1101 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT1101
1101fa
ELECTRICAL CHARACTERISTICS
LT1101AM/AI
LT1101M/I
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VO
Maximum 0utput
RL = 50k
13.0
14.2
13.0
14.2
V
Voltage Swing
RL = 2k
11.0
13.2
11.0
13.2
V
BW
Bandwidth
G = 100 (Note 2)
2.3
3.5
2.3
3.5
kHz
G = 10 (Note 2)
25
37
25
37
kHz
SR
Slew Rate
0.06
0.10
0.06
0.10
V/µs
VS = ±15V, VCM = 0V, TA = 25°C, Gain = 10 or 100, unless otherwise noted.
LT1101AM/AI
LT1101M/I
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
GE
Gain Error
G = 100, VO = ±10V, RL = 50k
0.024
0.070
0.026
0.100
%
G = 100, VO = ±10V, RL = 5k
0.030
0.100
0.035
0.130
%
G = 10, VO = ±10V, RL = 50k or 5k
0.015
0.070
0.018
0.100
%
TCGE
Gain Error Drift
G = 100, RL = 50k
2
4
2
5
ppm/°C
(Note 2)
G = 100, RL = 5k
2
7
2
8
ppm/°C
G = 10, RL = 50k or 5k
1
4
1
5
ppm/°C
GNL
Gain Nonlinearity
G = 100, RL = 50k
24
70
26
90
ppm
G = 100, RL = 5k
70
300
75
500
ppm
G = 10, RL = 50k
4
13
5
15
ppm
G = 10, RL = 5k
10
40
12
60
ppm
VOS
Input Offset Voltage
90
350
110
500
µV
LT1101ISW
110
950
µV
∆VOS/∆T Input Offset Voltage Drift
(Note 2)
0.4
2.0
0.5
2.8
µV/°C
LT1101ISW
0.5
4.8
mV/°C
lOS
Input Offset Current
0.16
0.80
0.19
1.30
nA
∆lOS/∆T
Input Offset Current Drift
(Note 2)
0.5
4.0
0.8
7.0
pA/°C
IB
Input Bias Current
7
10
7
12
nA
∆IB/∆T
Input Bias Current Drift
(Note 2)
10
25
10
30
pA/°C
CMRR
Common Mode
G = 100, VCM = –14.4V to 13V
96
111
94
111
dB
Rejection Ratio
G = 100, VCM = –13V to 11.5V
80
99
78
98
dB
PSRR
Power Supply
VS = 3.0, –0.1V to ±18V
98
110
94
110
dB
Rejection Ratio
IS
Supply Current
105
165
108
190
µA
VO
Maximum 0utput
RL = 50k
12.5
14.0
12.5
14.0
V
Voltage Swing
RL = 5k
11.0
13.5
11.0
13.5
V
ELECTRICAL CHARACTERISTICS V
S = ±15V, VCM = 0V, Gain = 10 or 100, – 55°C ≤ TA ≤ 125°C for AM/M
grades, –40°C ≤ TA ≤ 85°C for AI/I grades, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com