Electronic Components Datasheet Search
  English  ▼

X  

LT1110 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1110
Description  Micropower DC-DC Converter Adjustable and Fixed 5V, 12V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1110 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1110 Datasheet HTML 4Page - Linear Technology LT1110 Datasheet HTML 5Page - Linear Technology LT1110 Datasheet HTML 6Page - Linear Technology LT1110 Datasheet HTML 7Page - Linear Technology LT1110 Datasheet HTML 8Page - Linear Technology LT1110 Datasheet HTML 9Page - Linear Technology LT1110 Datasheet HTML 10Page - Linear Technology LT1110 Datasheet HTML 11Page - Linear Technology LT1110 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LT1110
8
S
APPLICATI
I FOR ATIO
Picking an inductor value of 47
µH with 0.2Ω DCR results
in a peak switch current of
I
V
emA
PEAK
s
H
=−
=
−•
45
10
1
862
08
10
10
47
.
.
.(
)
.
W
Wm
m
Substituting IPEAK into Equation 05 results in
EH
A
J
L =
()(
) =
1
2
47
0 862
17 5
09
2
µµ
..
.
(
)
Since 17.5
µJ > 13.7µJ, the 47µH inductor will work. This
trial-and-error approach can be used to select the opti-
mum inductor. Keep in mind the switch current maximum
rating of 1.5A. If the calculated peak current exceeds this,
an external power transistor can be used.
A resistor can be added in series with the ILIM pin to invoke
switch current limit. The resistor should be picked such
that the calculated IPEAK at minimum VIN is equal to the
Maximum Switch Current (from Typical Performance
Characteristic curves). Then, as VIN increases, switch
current is held constant, resulting in increasing efficiency.
Inductor Selection — Step-Down Converter
The step-down case (Figure 5) differs from the step-up in
that the inductor current flows through the load during
both the charge and discharge periods of the inductor.
Current through the switch should be limited to ~800mA
in this mode. Higher current can be obtained by using an
external switch (see Figure 6). The ILIM pin is the key to
successful operation over varying inputs.
After establishing output voltage, output current and input
voltage range, peak switch current can be calculated by the
formula
I
I
DC
VV
VV
V
PEAK
OUT
OUT
D
IN
SW
D
=
+
+
2
10
–
()
where DC = duty cycle (0.69)
VSW = switch drop in step-down mode
VD = diode drop (0.5V for a 1N5818)
IOUT = output current
VOUT = output voltage
VIN = minimum input voltage
VSW is actually a function of switch current which is in turn
a function of VIN, L, time and VOUT. To simplify, 1.5V can
be used for VSW as a very conservative value.
Once IPEAK is known, inductor value can be derived from
L
VV
V
I
t
IN MIN
SW
OUT
PEAK
ON
=•
––
()
11
where tON = switch ON time (10µs).
Next, the current limit resistor RLIM is selected to give
IPEAK from the RLIM Step-Down Mode curve. The addition
of this resistor keeps maximum switch current constant as
the input voltage is increased.
As an example, suppose 5V at 250mA is to be generated
from a 9V to 18V input. Recalling Equation (10),
I
mA
mA
PEAK =
()
+
+
 =
2 250
069
50 5
91 5
0 5
498
12
.
.
–.
.
.(
)
Next, inductor value is calculated using Equation (11)
L
mA
sH
=•
=
91 5
5
498
10
50
13
–. –
.(
)
µµ
Use the next lowest standard value (47
µH).
Then pick RLIM from the curve. For IPEAK = 500mA,
RLIM = 82Ω.
Inductor Selection — Positive-to-Negative Converter
Figure 7 shows hookup for positive-to-negative conver-
sion. All of the output power must come from the inductor.
In this case,
PV
V
I
L
OUT
D
OUT
=+
()( )
||
.
(
)
14
In this mode the switch is arranged in common collector
or step-down mode. The switch drop can be modeled as
a 0.75V source in series with a 0.65
Ω resistor. When the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com