Electronic Components Datasheet Search
  English  ▼

X  

LT1110 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1110
Description  Micropower DC-DC Converter Adjustable and Fixed 5V, 12V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1110 Datasheet(HTML) 1 Page - Linear Technology

  LT1110 Datasheet HTML 1Page - Linear Technology LT1110 Datasheet HTML 2Page - Linear Technology LT1110 Datasheet HTML 3Page - Linear Technology LT1110 Datasheet HTML 4Page - Linear Technology LT1110 Datasheet HTML 5Page - Linear Technology LT1110 Datasheet HTML 6Page - Linear Technology LT1110 Datasheet HTML 7Page - Linear Technology LT1110 Datasheet HTML 8Page - Linear Technology LT1110 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LT1110
1
DESCRIPTIO
The LT1110 is a versatile micropower DC-DC converter.
The device requires only three external components to
deliver a fixed output of 5V or 12V. The very low minimum
supply voltage of 1.0V allows the use of the LT1110 in
applications where the primary power source is a single
cell. An on-chip auxiliary gain block can function as a low
battery detector or linear post regulator.
The 70kHz oscillator allows the use of surface mount
inductors and capacitors in many applications. Quiescent
current is just 300
µA, making the device ideal in remote or
battery powered applications where current consumption
must be kept to a minimum.
The device can easily be configured as a step-up or
step-down converter, although for most step-down
applications or input sources greater than 3V, the LT1111
is recommended. Switch current limiting is user-adjustable
by adding a single external resistor. Unique reverse battery
protection circuitry limits reverse current to safe, non-
destructive levels at reverse supply voltages up to 1.6V.
S
FEATURE
s
Operates at Supply Voltages From 1.0V to 30V
s
Works in Step-Up or Step-Down Mode
s
Only Three External Off-the-Shelf Components
Required
s
Low-Battery Detector Comparator On-Chip
s
User-Adjustable Current Limit
s
Internal 1A Power Switch
s
Fixed or Adjustable Output Voltage Versions
s
Space-Saving 8-Pin MiniDIP or S8 Package
S
APPLICATI
s
Pagers
s
Cameras
s
Single-Cell to 5V Converters
s
Battery Backup Supplies
s
Laptop and Palmtop Computers
s
Cellular Telephones
s
Portable Instruments
s
Laser Diode Drivers
s
Hand-Held Inventory Computers
Micropower
DC-DC Converter
Adjustable and Fixed 5V, 12V
LOAD CURRENT (mA)
0
50
60
70
80
85
90
10
20
30
40
LT1110 • TA02
75
65
55
515
25
35
VIN = 1.50V
VIN = 1.25V
VIN = 1.00V
APPLICATI
TYPICAL
Efficiency
All Surface Mount
Single Cell to 5V Converter
LT1110 • TA01
+
GND
SW2
SENSE
SW1
LIM
I
IN
V
54
1
3
8
LT1110-5
1.5V
AA CELL*
*ADD 10 F DECOUPLING CAPACITOR IF BATTERY
IS MORE THAN 2" AWAY FROM LT1110.
µ
15
µF
TANTALUM
5V
MBRS120T3
SUMIDA
CD54-470K
47
µH
OPERATES WITH CELL VOLTAGE
1.0V
≥
2


Similar Part No. - LT1110

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1110 LINER-LT1110 Datasheet
310Kb / 16P
Micropower DC-DC Converter Adjustable and Fixed 5V, 12V
logo
Laird Tech Smart Techno...
LT1110 LSTD-LT1110 Datasheet
922Kb / 2P
Ultra-low power consumption
logo
Linear Technology
LT1110-12 LINER-LT1110-12 Datasheet
310Kb / 16P
Micropower DC-DC Converter Adjustable and Fixed 5V, 12V
LT1110-5 LINER-LT1110-5 Datasheet
310Kb / 16P
Micropower DC-DC Converter Adjustable and Fixed 5V, 12V
LT1110CN8 LINER-LT1110CN8 Datasheet
310Kb / 16P
Micropower DC-DC Converter Adjustable and Fixed 5V, 12V
More results

Similar Description - LT1110

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1107 LINER-LT1107 Datasheet
254Kb / 12P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1108 LINER-LT1108 Datasheet
266Kb / 12P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1111 LINER-LT1111 Datasheet
337Kb / 16P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1111 LINER-LT1111_03 Datasheet
237Kb / 16P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1073 LINER-LT1073_1 Datasheet
258Kb / 16P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1073 LINER-LT1073_15 Datasheet
264Kb / 16P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1107 LINER-LT1107_15 Datasheet
217Kb / 16P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1173 LINER-LT1173_15 Datasheet
267Kb / 16P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1108 LINER-LT1108_15 Datasheet
241Kb / 12P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1111 LINER-LT1111_15 Datasheet
247Kb / 16P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com