Electronic Components Datasheet Search
  English  ▼

X  

LT1205 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1205
Description  150MHz Video Multiplexers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1205 Datasheet(HTML) 1 Page - Linear Technology

  LT1205 Datasheet HTML 1Page - Linear Technology LT1205 Datasheet HTML 2Page - Linear Technology LT1205 Datasheet HTML 3Page - Linear Technology LT1205 Datasheet HTML 4Page - Linear Technology LT1205 Datasheet HTML 5Page - Linear Technology LT1205 Datasheet HTML 6Page - Linear Technology LT1205 Datasheet HTML 7Page - Linear Technology LT1205 Datasheet HTML 8Page - Linear Technology LT1205 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1203/LT1205
150MHz Video Multiplexers
s
– 3dB Bandwidth: 150MHz
s
0.1dB Gain Flatness: 30MHz
s
Channel-to-Channel Switching Time: 25ns
s
Turn-On/Turn-Off Time: 25ns
s
High Slew Rate: 300V/
µs
s
Disabled Output Impedance: 10M
Ω
s
50mV Switching Transient
s
Channel Separation at 10MHz: > 90dB
s
Differential Gain: 0.02%
s
Differential Phase: 0.02
°
s
Wide Supply Range:
±5V to ±15V
s
Output Short-Circuit Protected
s
Push-Pull Output
S
FEATURE
DESCRIPTIO
The LT1203 is a wideband 2-input video multiplexer
designed for pixel switching and broadcast quality rout-
ing. The LT1205 is a dual version that is configured as a
4-input, 2-output multiplexer.
These multiplexers act as SPDT video switches with 10ns
transition times at toggle rates up to 30MHz. The – 3dB
bandwidth is 150MHz and 0.1dB gain flatness is 30MHz.
Many parts can be tied together at their outputs by using
the enable feature which reduces the power dissipation
and raises the output impedance to 10M
Ω. Output capaci-
tance when disabled is only 3pF and the LT1203 peaks less
than 3dB into a 50pF load. Channel crosstalk and disable
isolation are greater than 90dB up to 10MHz. An on-chip
buffer interfaces to fast TTL or CMOS logic. Switching
transients are only 50mV with a 25ns duration. The
LT1203 and LT1205 outputs are protected against shorts
to ground.
The LT1203/LT1205 are manufactured using Linear
Technology’s proprietary complementary bipolar process.
The LT1203 is available in both the 8-lead PDIP and SO
package while the LT1205 is available in the 16-lead
narrow body SO package.
APPLICATI
TYPICAL
+1
+1
+1
+1
LT1205
LOGIC
V+
LOGIC
VOUT RED
VOUT GREEN
VOUT BLUE
LT1203 • TA01
EN
RED 1
CHANNEL SELECT
RED 2
GREEN 1
GREEN 2
BLUE 1
BLUE 2
V–
V–
V–
EN
V+
+1
+1
LT1203
LOGIC
EN
V+
High Speed RGB MUX
Large-Signal Response
S
APPLICATI
s
Broadcast Quality Video Multiplexing
s
Picture-in-Picture Switching
s
HDTV
s
Computer Graphics
s
Title Generation
s
Video Crosspoint Matrices
s
Video Routers


Similar Part No. - LT1205

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1205 LINER-LT1205 Datasheet
561Kb / 16P
150MHz Video Multiplexers
LT1205CS LINER-LT1205CS Datasheet
561Kb / 16P
150MHz Video Multiplexers
More results

Similar Description - LT1205

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1203 LINER-LT1203 Datasheet
561Kb / 16P
150MHz Video Multiplexers
LT1221 LINER-LT1221 Datasheet
292Kb / 8P
150MHz Operational Amplifier
logo
Maxim Integrated Produc...
MAX310 MAXIM-MAX310 Datasheet
252Kb / 7P
CMOS RF/Video Multiplexers
logo
Vishay Siliconix
DG535 VISHAY-DG535 Datasheet
98Kb / 11P
16-Channel Wideband Video Multiplexers
05-Oct-00
DG538A VISHAY-DG538A Datasheet
149Kb / 16P
4-/8-Channel Wideband Video Multiplexers
29-Jan-02
DG535 VISHAY-DG535_08 Datasheet
167Kb / 12P
16-Channel Wideband Video Multiplexers
25-Jun-07
logo
Intersil Corporation
ISL54103IHZ-T7A INTERSIL-ISL54103IHZ-T7A Datasheet
267Kb / 8P
More Reliable HDCP Performance In Video Multiplexers and Cable Extenders
October 14, 2011
logo
Linear Technology
LT1203 LINER-LT1203_15 Datasheet
505Kb / 16P
150MHz Video Multiplexers
logo
DATEL, Inc.
MX-826MM DATEL-MX-826MM Datasheet
109Kb / 1P
Multiplexers
logo
Vishay Siliconix
DG534A VISHAY-DG534A_V01 Datasheet
152Kb / 17P
4-/8-Channel Wideband Video Multiplexers
29-Jan-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com