Electronic Components Datasheet Search
  English  ▼

X  

LT1205 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1205
Description  150MHz Video Multiplexers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1205 Datasheet(HTML) 5 Page - Linear Technology

  LT1205 Datasheet HTML 1Page - Linear Technology LT1205 Datasheet HTML 2Page - Linear Technology LT1205 Datasheet HTML 3Page - Linear Technology LT1205 Datasheet HTML 4Page - Linear Technology LT1205 Datasheet HTML 5Page - Linear Technology LT1205 Datasheet HTML 6Page - Linear Technology LT1205 Datasheet HTML 7Page - Linear Technology LT1205 Datasheet HTML 8Page - Linear Technology LT1205 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT1203/LT1205
TYPICAL PERFOR A CE CHARACTERISTICS
Frequency Response
with Capacitive Loads
Disable Rejection
vs Frequency
Crosstalk Rejection
vs Frequency
Output Impedance (Enabled)
vs Frequency
Crosstalk Rejection
vs Frequency
SUPPLY VOLTAGE (±V)
0
160
180
18
LT1203/05 • TPC03
140
120
2
6
8
10
12
14
16
4
200
TA = 25°C
RL = 10k
PEAKING
≤ 0.5dB
FREQUENCY (MHz)
1
–5
–3
–1
1
3
10
100
LT1203/05 • TPC04
–4
–2
0
2
4
5
VS = ±15V
TA = 25°C
RL = ∞
CL = 100pF
CL = 50pF
CL = 20pF
CL = 10pF
FREQUENCY (MHz)
1
–110
–100
–90
–80
–70
–30
10
100
LT1203/05 • TPC05
–60
–50
–40
VS = ±15V
TA = 25°C
RL = ∞
RS = 0Ω
RS = 10Ω
RS = 37.5Ω
RS = 75Ω
FREQUENCY (MHz)
1
–110
–100
–90
–80
–70
–30
10
100
LT1203/05 • TPC06
–60
–50
–40
TA = 25°C
RS = 0Ω
RL = ∞
VS = ±5V
VS = ±15V
FREQUENCY (MHz)
1
–70
–80
–90
–100
–110
–120
–60
–50
–40
–30
10
100
LT1203/05 • TPC07
–20
VS = ±15V
TA = 25°C
RL = ∞
RL = 1k
RL = 100Ω
RL = 10Ω
FREQUENCY (MHz)
0
30
20
10
70
60
50
40
LT1203/05 • TPC08
1
100
10
VS = ±15V
TA = 25°C
RL = ∞
RS = 0Ω
–PSRR
+PSRR
Supply Current
vs Supply Voltage (Enabled)
Supply Current
vs Supply Voltage (Disabled)
FREQUENCY (Hz)
20
40
30
60
80
100
10k
1M
100M
10M
LT1203/05 • TPC09
10
100k
VS = ±15V
TA = 25°C
SUPPLY VOLTAGE (±V)
0
7.6
8.4
9.6
4
8
10
18
LT1203/05 • TPC10
8.0
9.2
8.8
26
12
14
16
LT1203
RL = ∞
125°
25°
–55°
SUPPLY VOLTAGE (±V)
0
4.4
4.8
4
8
10
18
LT1203/05 • TPC11
4.6
5.2
5.0
26
12
14
16
125°
25°
LT1203
RL = ∞
–55°
– 3dB Bandwidth
vs Supply Voltage
Power Supply Rejection Ratio
vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com