Electronic Components Datasheet Search
  English  ▼

X  

LT1209 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1209
Description  Dual and Quad 45MHz, 400V/s Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1209 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1209 Datasheet HTML 3Page - Linear Technology LT1209 Datasheet HTML 4Page - Linear Technology LT1209 Datasheet HTML 5Page - Linear Technology LT1209 Datasheet HTML 6Page - Linear Technology LT1209 Datasheet HTML 7Page - Linear Technology LT1209 Datasheet HTML 8Page - Linear Technology LT1209 Datasheet HTML 9Page - Linear Technology LT1209 Datasheet HTML 10Page - Linear Technology LT1209 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LT1208/LT1209
S
APPLICATI
I FOR ATIO
Input Considerations
Resistors in series with the inputs are recommended for
the LT1208/LT1209 in applications where the differential
input voltage exceeds
±6V continuously or on a transient
basis. An example would be in noninverting configura-
tions with high input slew rates or when driving heavy
capacitive loads. The use of balanced source resistance at
each input is recommended for applications where DC
accuracy must be maximized.
Transient Response
The LT1208/LT1209 gain-bandwidth is 45MHz when mea-
sured at 100kHz. The actual frequency response in unity-
gain is considerably higher than 45MHz due to peaking
AV = –1
CL = 1000pF
1208/09 AI01
AV = 1
CL = 10,000pF
1208/09 AI02
Small-Signal Capacitive Loading
Large-Signal Capacitive Loading
caused by a second pole beyond the unity-gain crossover.
This is reflected in the 50
° phase margin and shows up as
overshoot in the unity-gain small-signal transient re-
sponse. Higher noise gain configurations exhibit less
overshoot as seen in the inverting gain of one response.
The large-signal response in both inverting and non-
inverting gain show symmetrical slewing characteristics.
Normally the noninverting response has a much faster
rising edge due to the rapid change in input common-
mode voltage which affects the tail current of the input
differential pair. Slew enhancement circuitry has been
added to the LT1208/LT1209 so that the falling edge slew
rate is balanced.
Small-Signal Transient Response
AV = 1
1208/09 AI03
AV = –1
1208/09 AI04
Small-Signal Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com