Electronic Components Datasheet Search
  English  ▼

X  

LT1209 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1209
Description  Dual and Quad 45MHz, 400V/s Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1209 Datasheet(HTML) 1 Page - Linear Technology

  LT1209 Datasheet HTML 1Page - Linear Technology LT1209 Datasheet HTML 2Page - Linear Technology LT1209 Datasheet HTML 3Page - Linear Technology LT1209 Datasheet HTML 4Page - Linear Technology LT1209 Datasheet HTML 5Page - Linear Technology LT1209 Datasheet HTML 6Page - Linear Technology LT1209 Datasheet HTML 7Page - Linear Technology LT1209 Datasheet HTML 8Page - Linear Technology LT1209 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT1208/LT1209
Dual and Quad
45MHz, 400V/
µs Op Amps
s
45MHz Gain-Bandwidth
s
400V/
µs Slew Rate
s
Unity-Gain Stable
s
7V/mV DC Gain, RL = 500Ω
s
3mV Maximum Input Offset Voltage
s
±12V Minimum Output Swing into 500Ω
s
Wide Supply Range:
±2.5V to ±15V
s
7mA Supply Current per Amplifier
s
90ns Settling Time to 0.1%, 10V Step
s
Drives All Capacitive Loads
DESCRIPTIO
S
FEATURE
The LT1208/LT1209 are dual and quad very high speed
operational amplifiers with excellent DC performance. The
LT1208/LT1209 feature reduced input offset voltage and
higher DC gain than devices with comparable bandwidth
and slew rate. Each amplifier is a single gain stage with
outstanding settling characteristics. The fast settling time
makes the circuit an ideal choice for data acquisition
systems. Each output is capable of driving a 500
Ω load to
±12V with ±15V supplies and a 150Ω load to ±3V on ±5V
supplies. The amplifiers are also capable of driving large
capacitive loads which make them useful in buffer or cable
driver applications.
The LT1208/LT1209 are members of a family of fast, high
performance amplifiers that employ Linear Technology
Corporation’s advanced bipolar complementary
processing.
APPLICATI
TYPICAL
S
APPLICATI
s
Wideband Amplifiers
s
Buffers
s
Active Filters
s
Video and RF Amplification
s
Cable Drivers
s
Data Acquisition Systems
1MHz, 4th Order Butterworth Filter
1208/09 TA02
1/2
LT1208
2.67k
909
Ω
47pF
220pF
VIN
909
Ω
1/2
LT1208
2.21k
1.1k
22pF
470pF
1.1k
VOUT
1208/09 TA01
Inverter Pulse Response


Similar Part No. - LT1209

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1209 LINER-LT1209 Datasheet
301Kb / 12P
Dual and Quad 45MHz, 400V/us Op Amps
LT1209C LINER-LT1209C Datasheet
301Kb / 12P
Dual and Quad 45MHz, 400V/us Op Amps
LT1209CN LINER-LT1209CN Datasheet
301Kb / 12P
Dual and Quad 45MHz, 400V/us Op Amps
LT1209CS LINER-LT1209CS Datasheet
301Kb / 12P
Dual and Quad 45MHz, 400V/us Op Amps
More results

Similar Description - LT1209

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1208 LINER-LT1208 Datasheet
301Kb / 12P
Dual and Quad 45MHz, 400V/us Op Amps
LT1355 LINER-LT1355 Datasheet
272Kb / 16P
Dual and Quad 12MHz, 400V/us Op Amps
logo
Linear Integrated Syste...
LT1359CS14 LINEAR-LT1359CS14 Datasheet
453Kb / 16P
Dual and Quad 25MHz, 600V/s Op Amps
logo
Linear Technology
LT1208 LINER-LT1208_15 Datasheet
276Kb / 12P
Dual and Quad 45MHz, 400V/s Op Amps
LT1362 LINER-LT1362_15 Datasheet
235Kb / 12P
Dual and Quad 50MHz, 800V/s Op Amps
LT1364 LINER-LT1364_15 Datasheet
229Kb / 12P
Dual and Quad 70MHz, 1000V/s Op Amps
LT1355 LINER-LT1355_15 Datasheet
681Kb / 16P
Dual and Quad 12MHz, 400V/s Op Amps
LT1356 LINER-LT1356_15 Datasheet
681Kb / 16P
Dual and Quad 12MHz, 400V/s Op Amps
LT1632 LINER-LT1632_15 Datasheet
297Kb / 16P
45MHz, 45V/s, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps
LT1633 LINER-LT1633_15 Datasheet
297Kb / 16P
45MHz, 45V/s, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com