Electronic Components Datasheet Search
  English  ▼

X  

LT1218 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1218
Description  Precision Rail-to-Rail Input and Output Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1218 Datasheet(HTML) 1 Page - Linear Technology

  LT1218 Datasheet HTML 1Page - Linear Technology LT1218 Datasheet HTML 2Page - Linear Technology LT1218 Datasheet HTML 3Page - Linear Technology LT1218 Datasheet HTML 4Page - Linear Technology LT1218 Datasheet HTML 5Page - Linear Technology LT1218 Datasheet HTML 6Page - Linear Technology LT1218 Datasheet HTML 7Page - Linear Technology LT1218 Datasheet HTML 8Page - Linear Technology LT1218 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1218/LT1219
s
Rail-to-Rail Input and Output
s
90
µV VOS(MAX) for VCM = V– to V+
s
High Common Mode Rejection Ratio: 97dB Min
s
C-Load
TM Stable Version (LT1219)
s
High AVOL: 500V/mV Minimum Driving 10kΩ Load
s
Wide Supply Range:
2V to
±15V (LT1218/LT1219)
2V to
±5V (LT1218L/LT1219L)
s
Shutdown Mode: IS < 30µA
s
Low Supply Current: 420
µA Max
s
Low Input Bias Current: 18nA Typical
s
300kHz Gain-Bandwidth Product (LT1218)
s
Slew Rate: 0.10V/
µs (LT1218)
FEATURES
DESCRIPTION
The LT
®1218/LT1219 are bipolar op amps which combine
rail-to-rail input and output operation with precision speci-
fications. Unlike other rail-to-rail amplifiers, the LT1218/
LT1219’s input offset voltage is a low 90
µV across the
entire rail-to-rail input range, not just a portion of it. Using
a patented technique, both input stages of the LT1218/
LT1219 are trimmed: one at the negative supply and the
other at the positive supply. The resulting common mode
rejection of 97dB minimum is much better than other rail-
to-rail input op amps. A minimum open-loop gain of
500V/mV into a 10k load virtually eliminates all gain error.
The LT1218 has conventional compensation which
assures stability for capacitive loads of 1000pF or less.
The LT1219 has compensation that requires the use of a
0.1
µF output capacitor, which improves the amplifier’s
supply rejection and reduces output impedance at high
frequencies. The output capacitor’s filtering action also
reduces high frequency noise, which is beneficial when
driving A/D converters.
High and low voltage versions of the devices are offered.
Operation is specified for 3V, 5V and
±5V supplies for the
LT1218L/LT1219L and 3V, 5V and
±15V for the LT1218/
LT1219.
APPLICATIONS
s
Driving A/D Converters
s
Test Equipment Amplifiers
s
MUX Amplifiers
Precision Rail-to-Rail Input
and Output Op Amps
C-Load is a trademark of Linear Technology Corporation.
, LTC and LT are registered trademarks of Linear Technology Corporation.
Voltage Follower Input to Output Error
MUX Amplifier
TYPICAL APPLICATION
–
+
–
+
LT1218L
LT1218L
VOUT
VIN1
VIN2
INPUT
SELECT
5V
5V
74HCO4
1218/19 • TA01
SHDN
MAXIMUM IN
TO OUT ERROR
= 110
µV FOR
0.05V
≤ VIN ≤ 4.8V
RL = 10k
SHDN
INPUT VOLTAGE (V)
0
123
4
LT1218/19 • TA02
5
VS = 5V
AV = 1
NO LOAD
10
1.0
0.1
0.01
0.05
4.95
MAX ERROR = 110
µV
0.05V
≤ VIN ≤ 4.8V


Similar Part No. - LT1218

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1218 LINER-LT1218 Datasheet
375Kb / 16P
Precision Rail-to-Rail Input and Output Op Amps
LT1218CN8 LINER-LT1218CN8 Datasheet
375Kb / 16P
Precision Rail-to-Rail Input and Output Op Amps
LT1218CS8 LINER-LT1218CS8 Datasheet
375Kb / 16P
Precision Rail-to-Rail Input and Output Op Amps
LT1218L LINER-LT1218L Datasheet
375Kb / 16P
Precision Rail-to-Rail Input and Output Op Amps
LT1218LCN8 LINER-LT1218LCN8 Datasheet
375Kb / 16P
Precision Rail-to-Rail Input and Output Op Amps
More results

Similar Description - LT1218

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1218 LINER-LT1218 Datasheet
375Kb / 16P
Precision Rail-to-Rail Input and Output Op Amps
LT1366 LINER-LT1366 Datasheet
411Kb / 20P
Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1219 LINER-LT1219_15 Datasheet
327Kb / 16P
Precision Rail-to-Rail Input and Output Op Amps
LT6013 LINER-LT6013_15 Datasheet
343Kb / 16P
Rail-to-Rail Output Precision Op Amps
LT6014 LINER-LT6014_15 Datasheet
343Kb / 16P
Rail-to-Rail Output Precision Op Amps
LT1366 LINER-LT1366_15 Datasheet
392Kb / 20P
Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1368 LINER-LT1368_15 Datasheet
392Kb / 20P
Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT6003 LINER-LT6003_15 Datasheet
1Mb / 20P
1.6V, 1A Precision Rail-to-Rail Input and Output Op Amps
LT6004 LINER-LT6004_15 Datasheet
1Mb / 20P
1.6V, 1A Precision Rail-to-Rail Input and Output Op Amps
LT6005 LINER-LT6005_15 Datasheet
1Mb / 20P
1.6V, 1A Precision Rail-to-Rail Input and Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com