Electronic Components Datasheet Search
  English  ▼

X  

LT1218 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1218
Description  Precision Rail-to-Rail Input and Output Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1218 Datasheet(HTML) 3 Page - Linear Technology

  LT1218 Datasheet HTML 1Page - Linear Technology LT1218 Datasheet HTML 2Page - Linear Technology LT1218 Datasheet HTML 3Page - Linear Technology LT1218 Datasheet HTML 4Page - Linear Technology LT1218 Datasheet HTML 5Page - Linear Technology LT1218 Datasheet HTML 6Page - Linear Technology LT1218 Datasheet HTML 7Page - Linear Technology LT1218 Datasheet HTML 8Page - Linear Technology LT1218 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT1218/LT1219
ELECTRICAL CHARACTERISTICS
TA = 25°C, VS = 5V, 0V; VS = 3V, 0V; VCM = VO = half supply, VSHDN = V
+, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SR
Slew Rate
(LT1218/LT1218L)
AV = – 1
0.10
V/
µs
(LT1219/LT1219L)
AV = – 1
0.05
V/
µs
GBW
Gain Bandwidth Product
(LT1218/LT1218L)
AV = 1000
0.30
MHz
(LT1219/LT1219L)
AV = 1000
0.15
MHz
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = V+
q
75
200
µV
VCM = V–
q
75
200
µV
VOS TC
Input Offset Drift
(Note 2)
q
13
µV/°C
∆VOS
Input Offset Voltage Shift
VCM = V
– to V+
q
25
80
µV
IB
Input Bias Current
VCM = V
+
q
30
75
nA
VCM = V
–
q
– 75
– 18
nA
∆IB
Input Bias Current Shift
VCM = V
– to V+
q
50
150
nA
IOS
Input Offset Current
VCM = V
+
q
525
nA
VCM = V
–
q
325
nA
∆IOS
Input Offset Current Shift
VCM = V
– to V+
q
525
nA
AVOL
Large-Signal Voltage Gain
VS = 5V, VO = 50mV to 4.8V, RL = 10k
q
250
1000
V/mV
VS = 3V, VO = 50mV to 2.8V, RL = 10k
q
150
750
V/mV
CMRR
Common Mode Rejection Ratio
VS = 5V, VCM = V
– to V+
q
96
104
dB
VS = 3V, VCM = V
– to V+
q
91
106
dB
PSRR
Power Supply Rejection Ratio
VS = 2.3V to 12V, VCM = 0V, VO = 0.5V
q
88
100
dB
VOL
Output Voltage Swing LOW
No Load
q
414
mV
ISINK = 0.5mA
q
45
100
mV
ISINK = 2.5mA
q
130
290
mV
VOH
Output Voltage Swing HIGH
No Load
q
V+ – 0.014
V+ – 0.004
V
ISOURCE = 0.5mA
q
V+ – 0.150
V+ – 0.075
V
ISOURCE = 2.5mA
q
V+ – 0.480
V+ – 0.240
V
ISC
Short-Circuit Current
VS = 5V
q
47
mA
VS = 3V
q
36
mA
IS
Supply Current
VS = 5V
q
370
485
µA
VS = 3V
q
370
475
µA
Positive Supply Current, SHDN
VS = 5V, VSHDN = 0V
q
936
µA
VS = 3V, VSHDN = 0V
q
626
µA
0
°C ≤ TA ≤ 70°C, VS = 5V, 0V; VS = 3V, 0V; VCM = VO = half supply, VSHDN = V+, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = V + – 0.15
q
400
µV
VCM = V – + 0.15
q
400
µV
VOS TC
Input Offset Drift
(Note 2)
q
14
µV/°C
∆VOS
Input Offset Voltage Shift
VCM = V
+ – 0.15 to V– + 0.15
q
30
105
µV
IB
Input Bias Current
VCM = V
+ – 0.15
q
80
nA
VCM = V
– + 0.15
q
–80
nA
∆IB
Input Bias Current Shift
VCM = V
+ – 0.15 to V– + 0.15
q
160
nA
IOS
Input Offset Current
VCM = V
+ – 0.15
q
40
nA
VCM = V
– + 0.15
q
40
nA
∆IOS
Input Offset Current Shift
VCM = V
+ – 0.15 to V– + 0.15
q
40
nA
–40
°C ≤ TA ≤ 85°C, VS = 5V, 0V; VS = 3V, 0V; VCM = VO = half supply, VSHDN = V+, unless otherwise noted. (Note 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com