Electronic Components Datasheet Search
  English  ▼

X  

LT1678 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1678
Description  Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1678 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1678 Datasheet HTML 3Page - Linear Technology LT1678 Datasheet HTML 4Page - Linear Technology LT1678 Datasheet HTML 5Page - Linear Technology LT1678 Datasheet HTML 6Page - Linear Technology LT1678 Datasheet HTML 7Page - Linear Technology LT1678 Datasheet HTML 8Page - Linear Technology LT1678 Datasheet HTML 9Page - Linear Technology LT1678 Datasheet HTML 10Page - Linear Technology LT1678 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LT1678/LT1679
7
sn16789 16789fs
Note 1: Absolute Maximum Ratings are those values beyond which the life
of the device may be impaired.
Note 2: The inputs are protected by back-to-back diodes. Current limiting
resistors are not used in order to achieve low noise. If differential input
voltage exceeds ±1.4V, the input current should be limited to 25mA. If the
common mode range exceeds either rail, the input current should be
limited to 10mA.
Note 3: A heat sink may be required to keep the junction temperature
below absolute maximum.
Note 4: The LT1678C/LT1679C and LT1678I/LT1679I are guaranteed
functional over the Operating Temperature Range of – 40°C to 85°C.
Note 5: The LT1678C/LT1679C are guaranteed to meet specified
performance from 0°C to 70°C. The LT1678C/LT1679C are designed,
characterized and expected to meet specified performance from – 40°C to
85°C but is not tested or QA sampled at these temperatures. The LT1678I/
LT1679I are guaranteed to meet specified performance from – 40°C to
85°C.
Note 6: Typical parameters are defined as the 60% yield of parameter
distributions of individual amplifier; i.e., out of 100 LT1678/LT1679s,
typically 60 op amps will be better than the indicated specification.
Note 7: See the test circuit and frequency response curve for 0.1Hz to10Hz
tester in the Applications Information section.
Note 8: Noise is 100% tested at ±15V supplies.
Note 9: Slew rate is measured in AV = – 1; input signal is ±10V, output
measured at ±5V.
Note 10: This parameter is not 100% tested.
Note 11: VS = 5V limits are guaranteed by correlation to VS = 3V and
VS = ±15V tests.
Note 12: VS = 3V limits are guaranteed by correlation to VS = 5V and
VS = ±15V tests.
Note 13: Guaranteed by correlation to slew rate at VS = ±15V and GBW at
VS = 3V and VS = ±15V tests.
Note 14: ∆CMRR and ∆PSRR are defined as follows:
1. CMRR and PSRR are measured in µV/V on the individual amplifiers.
2. The difference is calculated between the matching sides in µV/V.
3. The result is converted to dB.
Note 15: Matching parameters are the difference between amplifiers A and
B on the LT1678 and between amplifiers A and D and B and C in the
LT1679.
Note 16: Input range guaranteed by the common mode rejection ratio test.
ELECTRICAL CHARACTERISTICS
TYPICAL PERFOR A CE CHARACTERISTICS
FREQUENCY (Hz)
0.1
1
10
100
10
1000
16789 G01
1
100
16789 G02
16789 G03
VS = ±15V
TA = 25°C
VCM = 0V
VCM = 14.5V
VS = 5V, 0V
TIME (sec)
VS = 5V, 0V
468
10
02
TIME (sec)
40
60
80
100
020
Voltage Noise vs Frequency
0.1Hz to 10Hz Voltage Noise
0.01Hz to 1Hz Voltage Noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com