Electronic Components Datasheet Search
  English  ▼

X  

LT1678 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1678
Description  Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1678 Datasheet(HTML) 5 Page - Linear Technology

  LT1678 Datasheet HTML 1Page - Linear Technology LT1678 Datasheet HTML 2Page - Linear Technology LT1678 Datasheet HTML 3Page - Linear Technology LT1678 Datasheet HTML 4Page - Linear Technology LT1678 Datasheet HTML 5Page - Linear Technology LT1678 Datasheet HTML 6Page - Linear Technology LT1678 Datasheet HTML 7Page - Linear Technology LT1678 Datasheet HTML 8Page - Linear Technology LT1678 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LT1678/LT1679
5
sn16789 16789fs
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS (Note 6)
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
20
150
µV
0°C ≤ TA ≤ 70°C
●
30
350
µV
–40°C ≤ TA ≤ 85°C
●
45
420
µV
∆VOS
Average Input Offset Drift (Note 10)
●
0.40
3
µV/°C
∆Temp
IB
Input Bias Current
±2
±20
nA
0°C ≤ TA ≤ 70°C
●
±3
±35
nA
–40°C ≤ TA ≤ 85°C
●
±7
±50
nA
IOS
Input Offset Current
325
nA
0°C ≤ TA ≤ 70°C
●
535
nA
–40°C ≤ TA ≤ 85°C
●
855
nA
en
Input Noise Voltage
0.1Hz to 10Hz (Note 7)
90
nVP-P
VCM = 15V
180
nVP-P
VCM = –15V
1600
nVP-P
Input Noise Voltage Density
fO = 10Hz
4.4
nV/√Hz
VCM = 15V, fO = 10Hz
6.6
nV/√Hz
VCM = –15V, fO = 10Hz
19
nV/√Hz
fO = 1kHz
3.9
5.5
nV/√Hz
VCM = 15V, fO = 1kHz
5.3
nV/√Hz
VCM = –15V, fO = 1kHz
9
nV/√Hz
in
Input Noise Current Density
fO = 10Hz
1.2
pA/√Hz
fO = 1kHz
0.3
pA/√Hz
VCM
Input Voltage Range (Note 16)
●
– 13.3
14
V
RIN
Input Resistance
Common Mode
2
GΩ
CIN
Input Capacitance
4.2
pF
CMRR
Common Mode Rejection Ratio
VCM = –13.3V to 14V
100
130
dB
●
96
124
dB
PSRR
Power Supply Rejection Ratio
VS = ±1.7V to ±18V
106
130
dB
●
100
125
dB
AVOL
Large-Signal Voltage Gain
RL = 10k, VO = ±14V
3
7
V/µV
0°C ≤ TA ≤ 70°C
●
26
V/µV
–40°C ≤ TA ≤ 85°C
●
14
V/µV
RL = 2k, VO = ±13.5V
0.8
1.7
V/µV
0°C ≤ TA ≤ 70°C
●
0.5
1.4
V/µV
–40°C ≤ TA ≤ 85°C
●
0.4
1.1
V/µV
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VS = ±15V, VCM = VO = 0V unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com